Electronic Components Datasheet Search
  English  ▼

X  

MS500A Datasheet(PDF) 1 Page - Astec America, Inc

Part # MS500A
Description  500-750 Watts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

MS500A Datasheet(HTML) 1 Page - Astec America, Inc

  MS500A Datasheet HTML 1Page - Astec America, Inc MS500A Datasheet HTML 2Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
rev 12.01.01
America’s (USA): 1-888-41-ASTEC
Europe (UK): 44 (1384) 842-211
Asia (HK): 852-2437-9662
166
Special Features
Electrical Specs
Input
AC Input Range
Input Voltage 110 Vrms (86-132)
Input Current
typical 5.5 A @ 120 Vrms,
Max 11.5 A
Frequency
50-60 Hz (45-65 Hz)
Efficiency
>86%
Power Factor
0.99 for >50% rated output current
Total Harmonic Distortion <5% for >50% rated output current
Output
DC Output Voltage
-54.5 VDC ± 0.5%
DC Output Current
6 A per rectifier @ current limit
Maximum Output Power
102.5% ± 2.5% rated output power
for Vout > 42 V
Voltage Regulation
0.5% load/line ± 1.0% load/line
temp.
Dynamic Response
± 5% for 10% to 90% or 90% to 10%
step launch
Protection and/or
Disconnect
Internal DC fuse
Parallel Operation
± 10% of rated current between
rectifiers
Capacitor Precharge
automatic upon insertion of
rectifiers
Hold-up Time
Vout remains > 42 V for 30 msec
Voice Frequency Noise
<55 dB rnC
High Frequency Noise
(wideband)
<100 mVrms
• System includes rectifiers, temperature com-
pensation, charge control, low voltage
disconnect, and distribution fuse module in a
standard, compact package
• Up to three, 250 W Output Rectifiers,
providing 250 W, 500 W or 500 W with N+1
Redundancy and 750 W Charging Power
• Adjustable DC Output Voltage: (-48 to - 55.5V)
• Adjustable Temperature Compensation slope
• Adjustable Low Voltage Disconnect threshold
• Adjustable Battery Charge Control (2 - 20 A)
• Distribution: 10 Fuse Positions (0 to10 A each)
• Convection Cooled
• Power Factor Correction
• Current Sharing
• Soft Switching Technology
• Full Output Power at Full Temperature Range
• Full Complement of LED and Output Alarms
Available
• Connections for up to Two Battery Strings
• EMI Filter Included
• Full front access unit available
500W 48VDC Compact Power Solution
500-750 Watts
HELIOS
Mini 500
EMC/EMI: FCC Class B, part 15 sub part B, and Bellcore 1089
ESD: TR-NWT-001089, 15 kV no damage,
2 kV no disturbance
Temperature and Humidity: -40°C to +50°C (up to +65°C with
sufficient airflow)
Acoustic Noise: <55 dB with ‘A’ weighting
Cooling: Natural Convection
Shock and Vibration: TR-NWT-000063
Fire Resistance: All material UL 94-VO
Safety:
UL 1950
IEC 950
CSA 22.2 # 950
Environmental & Safety
TM


Similar Part No. - MS500A

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
MS500 DIOTEC-MS500 Datasheet
119Kb / 2P
Surface Mount Si-Bridge-Rectifiers Si-Br짰kengleichrichter f짰 die Oberfl짰henmontage
MS500 DIOTEC-MS500 Datasheet
130Kb / 2P
Surface Mount Si-Bridge-Rectifiers
logo
Bel Fuse Inc.
MS500 BEL-MS500 Datasheet
385Kb / 2P
Slow Blow Micro Fuse
MS500 BEL-MS500 Datasheet
1Mb / 4P
TYPE MS SLOW BLOW MICRO FUSE
More results

Similar Description - MS500A

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
MS3500A ASTEC-MS3500A Datasheet
662Kb / 2P
500-4000 Watts
logo
Murata Power Solutions ...
SP1470 MURATA-PS-SP1470 Datasheet
82Kb / 1P
Telephony 750 Watts Uninterruptible Power Supply
logo
SL Power Electronics
MAX-700 SLPOWER-MAX-700 Datasheet
85Kb / 2P
700, 750 WATTS MULTIPLE OUTPUT
MSC-750 SLPOWER-MSC-750 Datasheet
85Kb / 2P
700, 750 WATTS MULTIPLE OUTPUT
logo
Sparkle Power Inc.
FSP600-502UQ SPI-FSP600-502UQ Datasheet
41Kb / 1P
750 Watts, PM Bus, 2U Switching Power Supply
FSP750-802UQ SPI-FSP750-802UQ Datasheet
42Kb / 1P
750 Watts PM Bus, 2U Switching Power Supply
logo
XP Power Limited
GSP500PS12-EF XPPOWER-GSP500PS12-EF Datasheet
1Mb / 8P
500 Watts
logo
Artesyn Technologies
DS750PED ARTESYN-DS750PED Datasheet
701Kb / 7P
750 Watts Distributed Power System
DS750PED-3-001 ARTESYN-DS750PED-3-001 Datasheet
701Kb / 7P
750 Watts Distributed Power System
NTS508-M-CEF ARTESYN-NTS508-M-CEF Datasheet
1Mb / 5P
500 Watts Medical
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com