Electronic Components Datasheet Search
  English  ▼

X  

CM4IO Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # CM4IO
Description  Compute Module 4 IO Board An application board for thr Compute Module 4
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CM4IO Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button CM4IO Datasheet HTML 6Page - List of Unclassifed Manufacturers CM4IO Datasheet HTML 7Page - List of Unclassifed Manufacturers CM4IO Datasheet HTML 8Page - List of Unclassifed Manufacturers CM4IO Datasheet HTML 9Page - List of Unclassifed Manufacturers CM4IO Datasheet HTML 10Page - List of Unclassifed Manufacturers CM4IO Datasheet HTML 11Page - List of Unclassifed Manufacturers CM4IO Datasheet HTML 12Page - List of Unclassifed Manufacturers CM4IO Datasheet HTML 13Page - List of Unclassifed Manufacturers CM4IO Datasheet HTML 14Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
1
2
3
4
5
6
1
2
3
4
5
6
A
B
C
D
A
B
C
D
Date:
KiCad E.D.A. kicad (5.99.0-3207-g147540b3b)
Rev: 1
Size: A4
Id: 5/7
Title: Compute Module 4 IO Board - GPIO - Ethernet
File: CM4_GPIO.kicad_sch
Sheet: /CM4_GPIO ( Ethernet, GPIO, SDCARD)/
(c) Raspberry Pi Trading 2020
www.raspberrypi.org
GND
1
2
3
4
J9
THD-02-R
1000pF
C1
C2
C3
C4
C5
C6
C7
C8
GREEN
YELLOW
TRD0+
1
TRD3-
10
VC1
11
VC2
12
VC3
13
VC4
14
LEDY_A
15
LEDY_K
16
LEDG_A
17
LEDG_K
18
SHIELD
19
TRD0-
2
SHIELD
20
TRD1+
3
CT
4
CT
5
TRD1-
6
TRD2+
7
TRD2-
8
TRD3+
9
U3
MagJack-A70-112-331N126
R2
470R
TP3
TestPoint
R3
470R
C1
100n
GND
D1
LED Red
R17
nf
R18
nf
R4
nf
TP5
TestPoint
R5
0R
GND
GND
D2
LED Green
1
2
3
J3
Conn_01x03
1
2
3
J1
Conn_01x03
1
10
11
12
13
14
2
3
4
5
6
7
8
9
J2
Conn_02x07_Odd_Even
GND
OUT
1
GND
2
nFLG
3
EN
4
IN
5
U18
RT9742GGJ5
R29
12K 1%
DAT2
1
DET_A
10
SHIELD
11
DAT3/CD
2
CMD
3
VDD
4
CLK
5
VSS
6
DAT0
7
DAT1
8
DET_B
9
J7
Micro_SD_Card_Det
2
4
U5
74LVC1G07SE-7
GND
GND
GND
R10
1k
C5
10u
1
10
11
12
13
14
15
16
17
18
19
2
20
21
22
23
24
25
26
27
28
29
3
30
31
32
33
34
35
36
37
38
39
4
40
5
6
7
8
9
J8
THD-20-R
D1+
1
D1-
2
D2+
4
D2-
5
U2
TPD4EUSB30
R1
1k
GND
GND
GND
D1+
1
D1-
2
D2+
4
D2-
5
U1
TPD4EUSB30
GND
2
4
U9
74LVC1G07SE-7
GND
GPIO
600mA Max
600mA Max
NB SD signals are only available
on modules without eMMC
GND
1
Ethernet_Pair0_N
10
nEXTRST
100
Ethernet_Pair2_P
11
Ethernet_Pair0_P
12
GND
13
GND
14
Ethernet_nLED3(3.3v)
15
Ethernet_SYNC_IN(1.8v)
16
Ethernet_nLED2(3.3v)
17
Ethernet_SYNC_OUT(1.8v)
18
Ethernet_nLED1(3.3v)
19
GND
2
EEPROM_nWP
20
PI_nLED_Activity
21
GND
22
GND
23
GPIO26
24
GPIO21
25
GPIO19
26
GPIO20
27
GPIO13
28
GPIO16
29
Ethernet_Pair3_P
3
GPIO6
30
GPIO12
31
GND
32
GND
33
GPIO5
34
ID_SC
35
ID_SD
36
GPIO7
37
GPIO11
38
GPIO8
39
Ethernet_Pair1_P
4
GPIO9
40
GPIO25
41
GND
42
GND
43
GPIO10
44
GPIO24
45
GPIO22
46
GPIO23
47
GPIO27
48
GPIO18
49
Ethernet_Pair3_N
5
GPIO17
50
GPIO15
51
GND
52
GND
53
GPIO4
54
GPIO14
55
GPIO3
56
SD_CLK
57
GPIO2
58
GND
59
Ethernet_Pair1_N
6
GND
60
SD_DAT3
61
SD_CMD
62
SD_DAT0
63
SD_DAT5
64
GND
65
GND
66
SD_DAT1
67
SD_DAT4
68
SD_DAT2
69
GND
7
SD_DAT7
70
GND
71
SD_DAT6
72
SD_VDD_Override
73
GND
74
SD_PWR_ON
75
Reserved
76
+5v_(Input)
77
GPIO_VREF(1.8v/3.3v_Input)
78
+5v_(Input)
79
GND
8
SCL0
80
+5v_(Input)
81
SDA0
82
+5v_(Input)
83
+3.3v_(Output)
84
+5v_(Input)
85
+3.3v_(Output)
86
+5v_(Input)
87
+1.8v_(Output)
88
WL_nDisable
89
Ethernet_Pair2_N
9
+1.8v_(Output)
90
BT_nDisable
91
RUN_PG
92
nRPIBOOT
93
AnalogIP1
94
nPI_LED_PWR
95
AnalogIP0
96
Camera_GPIO
97
GND
98
Global_EN
99
Module1A
ComputeModule4
GND
TV_OUT
ID_SC
GPIO_VREF
GLOBAL_EN
CAM_GPIO
+5v
SCL0
ID_SD
nEXTRST
SDA0
+3.3v
RUN_PG
GLOBAL_EN
GPIO23
TRD3_P
SD_DAT3
TRD3_N
GPIO14
TRD1_N
SD_CMD
TRD1_P
SD_CLK
+3.3v
GPIO25
GPIO11
GPIO7
ID_SC
+3.3v
nPWR_LED
+1.8v
SD_DAT1
SD_DAT0
SD_DAT2
SD_PWR
SD_DET
SD_PWR_ON
GPIO24
SD_PWR
GPIO18
+3.3v
GPIO15
TR3_TAP
TR0_TAP
TRD1_P
TRD0_N
TRD0_P
TRD3_N
TRD3_P
TRD2_N
TRD2_P
TRD1_N
GPIO10
TR2_TAP
TR1_TAP
ETH_LEDY
TRD0_P
TRD0_N
TR1_TAP
TR0_TAP
GPIO_VREF
+3.3v
+3.3v
TRD2_P
TRD2_N
TR3_TAP
TR2_TAP
+3.3v
+3.3v
+3.3v
+5v
ETH_LEDG
GPIO2
GPIO3
GPIO4
GPIO13
GPIO9
GPIO17
GPIO27
GPIO22
WL_nDis
EEPROM_nWP
SYNC_OUT
GPIO26
SYNC_IN
TRD0_P
GPIO15
GPIO14
SD_CLK
SD_DAT3
SD_DAT0
SD_PWR_ON
+5v
GPIO6
GPIO18
GPIO23
GPIO24
GPIO25
GND
GPIO8
GPIO7
GPIO12
ID_SC
GPIO16
GPIO20
TV_OUT
AIN1
GPIO21
TRD3_N
TRD3_P
GPIO_VREF
ETH_LEDY
ETH_LEDG
TRD2_P
TRD2_N
+5v
RUN_PG
GPIO11
GPIO9
GPIO26
AIN0
RUN_PG
ID_SD
GPIO5
TRD0_N
TRD1_N
TRD1_P
GPIO13
SD_DAT1
SD_DAT2
GPIO19
GPIO3
GPIO17
nRPIBOOT
GLOBAL_EN
GPIO8
nPWR_LED
BT_nDis
nRPIBOOT
GPIO4
GPIO2
SYNC_IN
+3.3v
+1.8v
GLOBAL_EN
GPIO27
GPIO22
SD_DET
GPIO10
GPIO5
SYNC_OUT
ID_SD
GPIO19
GND
GPIO6
GND
SD_CMD
EEPROM_nWP
GND
GND
GPIO21
AIN0
GPIO20
GPIO16
GPIO12
AIN1
Ethernet POE
Protection
40Way GPIO Header
PWR LED
GPIO Voltage select
POE Header
CM4Lite SDCARD I/F
If compute modules is awake RUN_PG will be high so the button doesn't do anything
If the compute module is asleep then RUN_PG will be at 0v and so pull global enable low
A button bwteen pins 13-14 can be used to wake up compute module from power down
Not Fitted headers
EEPROM write protect = Jumper Pins 3-4
Activity LED
Force RPIBOOT = Jumper Pins 1-2
Ethernet
Figure 5. CM4 GPIO
1
2
3
4
5
6
1
2
3
4
5
6
A
B
C
D
A
B
C
D
Date:
KiCad E.D.A. kicad (5.99.0-3207-g147540b3b)
Rev: 1
Size: A4
Id: 6/7
Title: Compute Module 4 IO Board - PCIe
File: PCIe-routing.kicad_sch
Sheet: /PCIe-connector/
(c) Raspberry Pi Trading 2020
www.raspberrypi.org
C32
10u
nPRSNT1
A1
+3.3V
A10
nPERST
A11
GND
A12
REFCLK+
A13
REFCLK-
A14
GND
A15
PERP0
A16
PERN0
A17
GND
A18
+12V
A2
+12V
A3
GND
A4
TCK
A5
TDI
A6
TD0
A7
TMS
A8
+3.3V
A9
+12v
B1
+3.3vAUX
B10
nWAKE
B11
nCLKREQ
B12
GND
B13
PETP0
B14
PETN0
B15
GND
B16
nPRSNT2
B17
GND
B18
+12v
B2
+12v
B3
GND
B4
SMCLK
B5
SMDAT
B6
GND
B7
+3.3v
B8
nTRST
B9
J12
10018783-11200TLF
GND
C26
10u 35v
C27
10u 35v
C25
10u 35v
C45
100uF
C33
10u
R23
12K 1%
C65
nf
R30
15K 1%
C30
10u
C29
100n
GND
R22
10R
C28
10u 35v
C62
100n
C31
10u
1
2
L3
SRN6045TA-3R3Y
GND
R24
47K 1%
C64
1.2nF
GND
GND
GND
BST
1
VIN
2
EN
3
SS
4
FB
5
COMP
6
GND
7
SW
8
U15
AP64501SP-13
TP1
TestPoint
C63
nf
C44
10u 35v
C43
10u 35v
PCIE_CLK_N
PCIE_CLK_P
PCIE_nRST
PCIE_CLK_nREQ
PCIE_TX_N
+12v
PCIE_RX_N
PCIE_RX_P
+12v
PCIE_TX_P
+3.3v
+12v
+3.3v
+3.3v
+12v
NB PCIe x1 takes a maximum of +12v @0.6A or +3.3v@3A , 10Watts combined
PCIe x1 connector
3.3v @ 3.3A PSU for PCIe Only ( 12v Input )
TX and RX have PN swaps to improve routing
Figure 6. PCIe
Connector
Raspberry Pi Compute Module 4 IO Board
Chapter 4. Circuit Diagram
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com