Electronic Components Datasheet Search
  English  ▼

X  

OS40 Datasheet(PDF) 78 Page - Microchip Technology

Part # OS40
Description  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

OS40 Datasheet(HTML) 78 Page - Microchip Technology

Back Button OS40 Datasheet HTML 74Page - Microchip Technology OS40 Datasheet HTML 75Page - Microchip Technology OS40 Datasheet HTML 76Page - Microchip Technology OS40 Datasheet HTML 77Page - Microchip Technology OS40 Datasheet HTML 78Page - Microchip Technology OS40 Datasheet HTML 79Page - Microchip Technology OS40 Datasheet HTML 80Page - Microchip Technology OS40 Datasheet HTML 81Page - Microchip Technology OS40 Datasheet HTML 82Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 416 page
background image
PIC24FJ256GA705 FAMILY
DS30010118D-page 78
 2016-2018 Microchip Technology Inc.
EXAMPLE 6-3:
PROGRAMMING A DOUBLE WORD OF FLASH PROGRAM MEMORY
(‘C’ LANGUAGE CODE)
// C example using MPLAB XC16
unsigned
long progAddr = 0xXXXXXX;
// Address of word to program
unsigned
int
progData1L = 0xXXXX;
// Data to program lower word of word 1
unsigned
char progData1H = 0xXX;
// Data to program upper byte of word 1
unsigned
int
progData2L = 0xXXXX;
// Data to program lower word
of word 2
unsigned
char progData2H = 0xXX;
// Data to program upper byte of word 2
//Set up NVMCON for word programming
NVMCON = 0x4001;
// Initialize NVMCON
TBLPAG = 0xFA;
// Point TBLPAG to the write latches
//Set up pointer to the first memory location to be written
NVMADRU = progAddr>>16;
// Initialize PM Page Boundary SFR
NVMADR
= progAddr & 0xFFFF;
// Initialize lower word of address
//Perform TBLWT instructions to write latches
__builtin_tblwtl(0, progData1L);
// Write word 1 to address low word
__builtin_tblwth(0, progData1H);
// Write word 1 to upper byte
__builtin_tblwtl(1, progData2L);
// Write word 2 to address low word
__builtin_tblwth(1, progData2H);
// Write word 2 to upper byte
asm(“DISI #5”);
// Block interrupts with priority <7 for next 5
// instructions
__builtin_write_NVM();
// XC16 function to perform unlock sequence and set WR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com