Electronic Components Datasheet Search
  English  ▼

X  

AD5940 Datasheet(PDF) 21 Page - Analog Devices

Part # AD5940
Description  High Precision, Impedance, and Electrochemical Front End
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5940 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD5940 Datasheet HTML 17Page - Analog Devices AD5940 Datasheet HTML 18Page - Analog Devices AD5940 Datasheet HTML 19Page - Analog Devices AD5940 Datasheet HTML 20Page - Analog Devices AD5940 Datasheet HTML 21Page - Analog Devices AD5940 Datasheet HTML 22Page - Analog Devices AD5940 Datasheet HTML 23Page - Analog Devices AD5940 Datasheet HTML 24Page - Analog Devices AD5940 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 134 page
background image
Data Sheet
AD5940/AD5941
Rev. C | Page 21 of 134
Pin No.
Mnemonic
Input/Output
Supply
Description
AD5940
AD5941
E1
21
GPIO2
Digital
input/output
General-Purpose Input/Output Pin 2.
E2
N/A
GPIO3
Digital
input/output
General-Purpose Input/Output Pin 3.
E3
29
AGND
Ground
Analog Ground. Short this pin to Pin C4.
E4 to E6
13, 23, 25
DGND
Ground
Digital Ground.
E7
17
MOSI
Digital input
SPI Master Output, Slave Input.
E8
18
MISO
Digital output
SPI Master Input Slave Output.
F1
22
RESET
Digital input
Reset Pin, Active Low.
F2
30
AVDD
Supply
Analog 3.3 V Circuit Power.
F3
6
DVDD
Supply
Digital Circuit Power.
F4
N/A
GPIO6
Digital
input/output
General-Purpose Input/Output Pin 6.
F5
19
GPIO0
Digital
input/output
General-Purpose Input/Output Pin 0.
F6
N/A
GPIO5
Digital
input/output
General-Purpose Input/Output Pin 5.
F7
15
CS
Digital
input/output
SPI Chip Select.
F8
16
SCLK
Digital input
SPI Clock.
G2
26
IOVDD
Supply
Digital Input/Output Supply Pin. DVDD (Pin F3) must be driven before
IOVDD is enabled.
G3
14
DVDD_REG_1V8
Analog
1.8 V Digital Regulator Decoupling Capacitor Pin. Connect a 470 nF
capacitor to this pin.
G4
N/A
GPIO7
Digital
input/output
General-Purpose Input/Output Pin 7.
G5
11
XTALI
Digital Input
16 MHz External Crystal Input Pin.
G6
12
XTALO
Digital
output
16 MHz External Crystal Output Pin.
G7
N/A
GPIO4
Digital
input/output
General-Purpose Input/Output Pin 4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com