Electronic Components Datasheet Search
  English  ▼

X  

LC76F Datasheet(PDF) 2 Page - Quectel Wireless Solutions Co., Ltd.

Part # LC76F
Description  Compact GNSS Module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUECTEL [Quectel Wireless Solutions Co., Ltd.]
Direct Link  https://www.quectel.com/
Logo QUECTEL - Quectel Wireless Solutions Co., Ltd.

LC76F Datasheet(HTML) 2 Page - Quectel Wireless Solutions Co., Ltd.

  LC76F Datasheet HTML 1Page - Quectel Wireless Solutions Co., Ltd. LC76F Datasheet HTML 2Page - Quectel Wireless Solutions Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Copyright © 2021 Quectel Wireless Solutions Co., Ltd. All Rights Reserved http://www.quectel.com
HQ address: Building 5, Shanghai Business Park Phase III (Area B), No.1016 Tianlin Road, Minhang District, Shanghai 200233, China
Tel: +86 21 51086236
Email: info@quectel.com
Quectel LC76F
GNSS Module
LC76F
Region
Global
Dimensions (mm)
10.1 × 9.7 × 2.3
Weight (g)
Approx. 0.3
Temperature Range
Operating Temperature
-40 °C to +85 °C
Storage Temperature
-40 °C to +90 °C
GNSS Features
Supported Bands
GPS L1 C/A: 1575.42 MHz
GLONASS L1: 1601.71 MHz
BeiDou B1l: 1561.098 MHz
Default GNSS Constellation
GPS + GLONASS
Channel
26 Channels
Horizontal Position Accuracy①
Autonomous: < 2 m CEP
Velocity Accuracy ①
Without Aid: < 0.1 m/s
Acceleration Accuracy①
Without Aid: < 0.1 m/s²
Timing Accuracy①
1PPS < 100 ns
Reacquisition Time
< 1 s
TTFF @ -130 dBm with AGNSS②
Cold Start: < 6 s
Warm Start: < 2 s
Hot Start: < 2 s
TTFF @ -130 dBm without AGNSS①
Cold Start: < 30 s
Warm Start: < 2 s
Hot Start: < 2 s
Sensitivity
Acquisition: -148 dBm
Tracking: -165 dBm
Reacquisition: -162 dBm
Dynamic Performance①
Maximum Altitude: 18000 m
Maximum Velocity: 515 m/s
Maximum Acceleration: 4g
Interfaces
I2C Interface
Up to 400 kbps
UART Interface
Adjustable: 9600–921600 bps
Default: 9600 bps
Update Rate: 1 Hz (Default), up to 10 Hz
Protocol
NMEA 0183
External Antenna Interface
Antenna Type
Active or passive
Antenna Power Supply
External power supply, or through the VDD_RF pin
Electrical Characteristics
Supply Voltage Range
2.8–4.3 V, Typ. 3.3 V
I/O Voltage
2.8 V
Current Consumption (@ 3.3 V)
Normal Operation Mode:
28 mA @ Acquisition (GPS + GLONASS)
28 mA @ Tracking (GPS + GLONASS)
Power Saving Modes:
1.4 mA @ Standby Mode
30 μA @ Backup Mode
Note:
1. ①: Room temperature, all satellites at -130 dBm.
2. ②: Open-sky, active high precision GNSS antenna.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com