Electronic Components Datasheet Search
  English  ▼

X  

SHT4X Datasheet(PDF) 8 Page - Sensirion AG Switzerland

Part # SHT4X
Description  4th Generation, High-Accuracy, Ultra-Low-Power, 16-bit Relative Humidity and Temperature Sensor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSIRION [Sensirion AG Switzerland]
Direct Link  https://www.sensirion.com/
Logo SENSIRION - Sensirion AG Switzerland

SHT4X Datasheet(HTML) 8 Page - Sensirion AG Switzerland

Back Button SHT4X Datasheet HTML 4Page - Sensirion AG Switzerland SHT4X Datasheet HTML 5Page - Sensirion AG Switzerland SHT4X Datasheet HTML 6Page - Sensirion AG Switzerland SHT4X Datasheet HTML 7Page - Sensirion AG Switzerland SHT4X Datasheet HTML 8Page - Sensirion AG Switzerland SHT4X Datasheet HTML 9Page - Sensirion AG Switzerland SHT4X Datasheet HTML 10Page - Sensirion AG Switzerland SHT4X Datasheet HTML 11Page - Sensirion AG Switzerland SHT4X Datasheet HTML 12Page - Sensirion AG Switzerland Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
www.sensirion.com / D1
Version 3
– April 2022
8/18
3 Electrical Specifications
Valid for all electrical specifications: Typical values correspond to VDD = 3.3 V and T = 25 °C. Min.
and max. values are valid in the full temperature range -40
°C … 125 °C and at declared VDD levels
and are based on characterization.
3.1 Electrical Characteristics
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Comments
Supply
voltage
VDD
1.08
3.3
3.6
V
-
Power-
up/down level
VPOR
Static power supply
0.6
-
1.08
V
-
Slew rate of
the supply
voltage
VDD, slew
-
-
20
V/ms
Voltage changes on the
supply between VDD, min
and VDD, max. Faster slew
rates may lead to a reset
Supply current
(no heater)
IDD
Idle state
-
-
0.08
-
1.0
3.4
µA
At 25°C
At 125°C
Power up
-
50
-
µA
-
Measurement
-
320
500
µA
Current while sensor is
measuring
Aver., high repeatability
Aver., med. repeatability
Aver., low repeatability
-
-
-
2.2
1.2
0.4
-
-
-
µA
Aver. current consumption
(continuous operation with
one meas. per second)
Power
consumpt. at
VDD=1.2V
(no heater)
-
Aver., high repeatability
Aver., med. repeatability
Aver., low repeatability
-
-
-
2.6
1.4
0.5
-
-
-
µW
Aver. power consumption
(continuous operation with
one meas. per second)
Low level
input voltage
VIL
-
0
-
0.3*
VDD
V
-
High level
input voltage
VIH
-
0.7*
VDD
-
VDD
V
-
Pull up
resistors
Rp
VDD < 1.62 V
820
-
-
Ω
-
VDD
≥ 1.62 V
390
-
-
Ω
-
Low level
output voltage
VOL
VDD < 1.62V,
Rpullup
> 820 Ω
-
-
0.2*
VDD
V
-
VDD
= 1.62V … 2.0V,
Rpullup
> 390 Ω
-
-
0.2*
VDD
V
-
VDD > 2.0V,
Rpullup
> 390 Ω
-
-
0.4
V
-
Capacitive
bus load
Cb
RP
≤ 820 Ω: fast mode
-
-
400
pF
Capacitive bus load can be
determined from
Cb < trise /(0.8473*Rp).
Rise times are trise = 300 ns
for fast mode and
trise = 120 ns for fast mode
plus
Rp
= 390 Ω,
VDD > 1.62 V: fast
mode plus
-
-
340
pF
Table 3: Electrical specifications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com