| Electronic Components Datasheet Search |
|
06031C104F4U4A Datasheet(PDF) 1 Page - Kyocera Kinseki Corpotation |
|
|
|||||||||||||||||||||||||||||
06031C104F4U4A Datasheet(HTML) 1 Page - Kyocera Kinseki Corpotation |
|
1 / 5 page ![]() 54 Automotive MLCC General Specifications GENERAL DESCRIPTION KYOCERA AVX has supported the Automotive Industry requirements for Multilayer Ceramic Capacitors consistently for more than 25 years. Products have been developed and tested specifically for automotive applications and all manufacturing facilities are QS9000 and VDA 6.4 approved. KYOCERA AVX is using AECQ200 as the qualification vehicle for this transition. A detailed qualification package is available on request and contains results on a range of part numbers. HOW TO ORDER 0805 5 A K 4 2 A T 104 Dielectric NP0 = A X7R = C X8R = F Capacitance Tolerance B = ± 0.1pF (<10pF)* C = ± 0.25pF (<10pF)* D = ± 0.5pF (<10pF)* F = ± 1%* G = ± 2%* J = ± 5% (<=1µF) K = ± 10% M = ± 20% *NPO only Failure Rate 4=Automotive Packaging 2 = 7" Reel 4 = 13" Reel Special Code A = Std.Product Terminations T=PlatedNiandSn Z=FLEXITERM®** U=ConductiveEpo **X7R X8Ronly Capacitance Code (In pF) 2 Sig. Digits + Number of Zeros e.g. 10 F = 106 Voltage 6.3V = 6 10V = Z 16V = Y 25V = 3 35V = D 50V = 5 100V = 1 200V = 2 500V = 7 Contact factory for availability of Tolerance Options for Specific Part Numbers. NOTE: Contact factory for non-specified capacitance values 0402 case size available in T termination only. Size 0402 0603 0805 1206 1210 1812 COMMERCIAL VS AUTOMOTIVE MLCC PROCESS COMPARISON Commercial Automotive Administrative Standard Part Numbers. No restriction on who purchases these parts. Specific Automotive Part Number. sed to control supply of product to Automotive customers. Lot Qualification (Destructive Physical Analysis - DPA) As per EIA RS469 Increased sample plan stricter criteria. Visual/Cosmetic Quality Standard process and inspection 100% inspection Application Robustness Standard sampling for accelerated wave solder on X7R dielectrics Increased sampling for accelerated wave solder on X7R and NP0 followed by lot by lot reliability testing. All Tests have Accept/Reject Criteria 0/1 TDS-SMDMLCC-0005 | Rev 1 – surface mount ceramic capacitor products – The Important Information/Disclaimer is incorporated in the catalog where these specifications came from or available online at www.kyocera-avx.com/disclaimer/ by reference and should be reviewed in full before placing any order. |
Similar Part No. - 06031C104F4U4A |
|
Similar Description - 06031C104F4U4A |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |