Electronic Components Datasheet Search
  English  ▼

X  

AW4P Datasheet(PDF) 1 Page - Amphenol Corporation

Part # AW4P
Description  P-WEDGELOCK, 4 POSITION, AT SERIES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

AW4P Datasheet(HTML) 1 Page - Amphenol Corporation

  AW4P Datasheet HTML 1Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
AW4P
44724 Morley Drive
Clinton Township, MI 48036
Sine Systems - www.amphenol-sine.com
PROCESS SPECIFICATIONS:
MATERIAL SPECIFICATIONS:
QUANTITY
APPROVAL:
ENGINEER:
CHECKED:
DRAWN:
SCALE:
PART NUMBER
DWG NO:
TYPE
SHEET
OF
DESCRIPTION
THIS DRAWING IS SUPPLIED FOR
INFORMATION ONLY. DESIGN FEATURES,
SPECIFICATIONS AND PERFORMANCE DATA
SHOWN HEREON ARE THE PROPERTY OF
THE AMPHENOL CORPORATION. NO RIGHTS
OF REPRODUCTION ARE IMPLIED. ALL
DIMENSIONS ARE SUBJECT TO NORMAL
MANUFACTURING VARIATIONS.
CUSTOMER:
NEXT ASS'Y:
X
A
A4
1
1
NONE
P-WEDGELOCK, 4 POSITION, AT SERIES
TITLE:
DWG NO:
REV:
SH:
OF:
REV
DESCRIPTION
DATE
REVISIONS
ECO
APPR
BY
1
1
A4
RELEASE NEW DWG FORMAT
18/SEP/13
DRP
A3
UPDATE DRAWING
10/MAY/19
JOE
A4
TOMMY
--
7.4
9.5
14.8
8.2
--


Similar Part No. - AW4P

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
AW49200HT L-COM-AW49200HT Datasheet
930Kb / 2P
4.9 GHz Outdoor Wireless Ethernet Radios up to 216 Mbps
12.1.2014
AW49200HTA L-COM-AW49200HTA Datasheet
930Kb / 2P
4.9 GHz Outdoor Wireless Ethernet Radios up to 216 Mbps
12.1.2014
AW49200HTA L-COM-AW49200HTA Datasheet
930Kb / 2P
4.9 GHz Outdoor Wireless Ethernet Radios up to 216 Mbps
12.1.2014
AW49200HTA L-COM-AW49200HTA Datasheet
930Kb / 2P
4.9 GHz Outdoor Wireless Ethernet Radios up to 216 Mbps
12.1.2014
AW49200HTP-PAIR L-COM-AW49200HTP-PAIR Datasheet
930Kb / 2P
4.9 GHz Outdoor Wireless Ethernet Radios up to 216 Mbps
12.1.2014
More results

Similar Description - AW4P

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
AW2P AMPHENOL-AW2P_V01 Datasheet
39Kb / 1P
P-WEDGELOCK, 2 POSITION, AT SERIES
A3
AW2S AMPHENOL-AW2S_V01 Datasheet
101Kb / 1P
S-WEDGELOCK, 2 POSITION, AT SERIES
A4
AW3P AMPHENOL-AW3P_V01 Datasheet
128Kb / 1P
P-WEDGELOCK, 3 POSITION, AT SERIES
A4
AW3S AMPHENOL-AW3S_V01 Datasheet
101Kb / 1P
S-WEDGELOCK, 3 POSITION, AT SERIES
A4
AW4S AMPHENOL-AW4S_V01 Datasheet
305Kb / 1P
S-WEDGELOCK, 4 POSITION, AT SERIES
A6
AW6P AMPHENOL-AW6P_V01 Datasheet
92Kb / 1P
P-WEDGELOCK, 6 POSITION, AT SERIES
A4
AW6S AMPHENOL-AW6S_V01 Datasheet
279Kb / 1P
S-WEDGELOCK, 6 POSITION, AT SERIES
A5
AW8S AMPHENOL-AW8S Datasheet
93Kb / 1P
S-WEDGELOCK, 8 POSITION, AT SERIES
A4
logo
Amphenol Sine Systems C...
AWM-4P ASS-AWM-4P Datasheet
43Kb / 1P
P-WEDGELOCK, 4 POSITION, ATM SERIES
Rev. A3
AW12S ASS-AW12S Datasheet
66Kb / 1P
S-WEDGELOCK, 12 POSITION, AT SERIES
Rev. A4
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com