Electronic Components Datasheet Search
  English  ▼

X  

NTS359 Datasheet(PDF) 1 Page - Astec America, Inc

Part # NTS359
Description  350 Watts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

NTS359 Datasheet(HTML) 1 Page - Astec America, Inc

  NTS359 Datasheet HTML 1Page - Astec America, Inc NTS359 Datasheet HTML 2Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
rev 12.19.05
Technical Support: (888) 41-ASTEC or (407) 241-2752
Americas: (760) 930-4600
Europe (UK) 44 (1384) 842-211
Asia (HK) 852-2437-9662
1
Special Features
Electrical Specs
350 Watts
NTS350 Series
Input
Input range
85-264 VAC; 120-300 VDC
Frequency
47-440 Hz
Inrush current
38 A max., cold start @ 25°C
Efficiency
85% typical at full load
EMI filter
FCC Class B conducted and radiated
CISPR 22 Class B conducted and radiated
EN55022 Class B conducted and radiated
VDE 0878 PT3 Class B conducted and
radiated.
Power factor
0.99 typical
Safety ground
leakage current
<0.5 mA @ 50/60 Hz, 264 VAC input
Output
Maximum power
200W convection; 350 W with 30 CFM
forced air
Adjustment range
±5%
Standby output
5 V @ 2A regulated, ±5%
Fan output
12 V @ 1A, -5 %, +7%, 0.5A for -CF version
Hold-up time
20 ms @ 350 W load, 115 VAC nominal
line at factory voltage setting
Overload protection
Short circuit protection on all outputs.
Case overload protected @ 115-130%
above peak rating
Overvoltage protection
20% to 35% above nominal output
Logic Control
Power failure
TTL logic signal goes high 100-500 msec
after main output. It goes low at least 4
msec before loss of regulation
Remote on/off
Requires an external contact closure to
inhibit outputs
DC OK
TTL logic goes high after the output is in
regulation. It goes low when there is loss
of regulation.
Remote sense
Compensates for 0.5 V lead drop min.
Will operate without remote sense
connected. Reverse connection protected.
• Active power factor correction
• IEC EN6100-3-2 compliance
• Remote sense
• Power fail and remote inhibit
• Single wire current sharing
• Built-in EMI filter
• Low output ripple
• 5V standby
• 12V fan output
• Overvoltage protection
•Overload protection
• Thermal overload protection
• DC power good
• Built in OR-ing diode / FET
• Optional fan cover (-CF suffix)
Operating temperature: 0° to 50°C ambient
derate each output at 2.5% per degree from 50° to
70°C
Electromagnetic susceptibility: Designed to meet
EN61000-4, -2, -4, -5, -11 Level 3
Humidity: Operating; non-condensing
10% to 90%
Vibration: Three orthogonal axes, sweep at
1 oct/min, 5 min. dwell at four major resonances
2 G peak 8 Hz to 500 Hz, operational
Storage temperature: -40° to 85°C
Temperature coefficient: ±.04% per °C
MTBF demonstrated: >1M hours at full load and
25°C ambient conditions
TUV
60950
UL
60950
CSA
60950
NEMKO
60950
AUSTEL
60950
CB
Certificate and report
CE
Mark (LVD)
Environmental
Total Power:
200-350 Watts
Input Voltage:
85-264 VAC
120-300 VDC
# of Outputs:
Single
Safety


Similar Part No. - NTS359

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
NTS359 EMERSON-NETWORKPOWER-NTS359 Datasheet
725Kb / 3P
Active power factor correction
logo
Artesyn Technologies
NTS359 ARTESYN-NTS359 Datasheet
891Kb / 5P
Active power factor correction
NTS359 ARTESYN-NTS359 Datasheet
891Kb / 5P
Single wire current sharing
More results

Similar Description - NTS359

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
HPS35 ASTEC-HPS35 Datasheet
1Mb / 5P
350-1400 Watts
LPQ350 ASTEC-LPQ350 Datasheet
144Kb / 2P
350 Watts
LPS350 ASTEC-LPS350 Datasheet
508Kb / 2P
350 Watts
LPS355-CEF ASTEC-LPS355-CEF Datasheet
512Kb / 2P
350 Watts LPS350 Series
logo
XP Power Limited
SHP350PS12 XPPOWER-SHP350PS12 Datasheet
360Kb / 5P
3501200 Watts
logo
Artesyn Technologies
AVE350B-48S28-6 ARTESYN-AVE350B-48S28-6 Datasheet
1Mb / 3P
Total Power: 350 Watts
LPQ352-C ARTESYN-LPQ352-C Datasheet
1Mb / 4P
Total Power: 350 Watts
logo
Surge Components
SES12VD523-2U SURGE-SES12VD523-2U Datasheet
401Kb / 5P
350 Watts peak pulse power
logo
Artesyn Technologies
LPS353-CEF ARTESYN-LPS353-CEF Datasheet
250Kb / 3P
350 Watts
NTS358-CF ARTESYN-NTS358-CF Datasheet
891Kb / 5P
350 Watts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com