Electronic Components Datasheet Search
  English  ▼

X  

VS9 Datasheet(PDF) 1 Page - Astec America, Inc

Part # VS9
Description  1000 - 2500 Watts
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

VS9 Datasheet(HTML) 1 Page - Astec America, Inc

  VS9 Datasheet HTML 1Page - Astec America, Inc VS9 Datasheet HTML 2Page - Astec America, Inc VS9 Datasheet HTML 3Page - Astec America, Inc VS9 Datasheet HTML 4Page - Astec America, Inc VS9 Datasheet HTML 5Page - Astec America, Inc VS9 Datasheet HTML 6Page - Astec America, Inc VS9 Datasheet HTML 7Page - Astec America, Inc VS9 Datasheet HTML 8Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
69-825-410 Rev C
12.01.04
Technical Support: (888) 41-ASTEC or (407) 241-2752
Americas: (760) 930-4600
Europe (UK) 44 (1384) 842-211
Asia (HK) 852-2437-9662
1
Special Features
• Power factor correction
• IEC 555-2 harmonic distortion compliance
• CISPR 22, EN55022 Level B
conducted / radiated EMI
• EN61000 immunity standards
• European CE Mark
• Current share on all outputs
• Remote sense on all outputs
• Overload protection on all outputs
• Voltage adjustment on all outputs
• Margining on all outputs
• AC-OK-signal (logics “1” or “0”)
• Global DC OK (logics “1” or “0”)
• DC-OK signal and status indicator LED-on all outputs
• Global and individual module inhibits/enable
• 3 year warranty
• 2500 W with 3-phase input
1000 - 2500 Watts
VS Series
Operating temperature: -10°C to 50°C
(derate each output linearly to 60% at 70°C)
40°C max. for reverse air (option #1)
Shock/Vibration: Mil-Hdbk 810E
Humidity: 95% non-condensing
Storage temperature: -55°C to +85°C
Temperature coefficient: 0.02% per °C
Cooling: Internal DC fan 24V
UL
UL60950-1
E133211
CSA
CSA C22.2 No. 60950-1-03
VDE
EN60950
CB
Certificate and report
CE
Mark
Environmental
Safety
VS1-B2-H522-00
1100W total
VS6-L2-00
1500W total
VS3-D2-C2-20
1200W total
VS8-L9-D9-20
2500W total (case limit)
VS4/9
2000 - 2500 W


Similar Part No. - VS9

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
VS901SL SANYO-VS901SL Datasheet
206Kb / 3P
Low Capacitance TVS Diode General Purpose Protection Device
VS902SL SANYO-VS902SL Datasheet
233Kb / 3P
Low Capacitance TVS Diode General Purpose Protection Device
logo
Vishay Siliconix
VS90EPF12L-M3 VISHAY-VS90EPF12L-M3 Datasheet
240Kb / 9P
Fast Soft Recovery Rectifier Diode, 90 A
06-Jul-2018
logo
Rohm
VS90VLNVWM ROHM-VS90VLNVWM Datasheet
1Mb / 10P
Transient Voltage Suppressor
2022/02/08_Rev.001
VS90VLNVWMTF ROHM-VS90VLNVWMTF Datasheet
1Mb / 10P
Transient Voltage Suppressor
2022/02/08_Rev.001
More results

Similar Description - VS9

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
FAR-F6CE FUJITSU-FAR-F6CE Datasheet
428Kb / 39P
Piezoelectric SAW BPF (1000 to 2500 MHz)
logo
Stealth Microwave, Inc.
SM1025-36DMQ2 STEALTH_MICROWAVE-SM1025-36DMQ2 Datasheet
94Kb / 4P
1000-2500 MHz 4 Watt Linear Power Amplifier
SM1025-36MQ2 STEALTH_MICROWAVE-SM1025-36MQ2 Datasheet
97Kb / 4P
1000-2500 MHz 4 Watt Linear Power Amplifier
SM1025-37MQ2 STEALTH_MICROWAVE-SM1025-37MQ2 Datasheet
96Kb / 4P
1000-2500 MHz 5 Watt Linear Power Amplifier
logo
Powerbox
C4700 POWERBOX-C4700 Datasheet
528Kb / 2P
2500 WATTS (AC) DC/D CSINGLE OUTPUT
PBSP-110I POWERBOX-PBSP-110I Datasheet
224Kb / 1P
110VDC, 2500 WATTS RAILWAY DC/AC INVERTER
logo
Teledyne Technologies I...
A2CP2596 TELEDYNE-A2CP2596 Datasheet
438Kb / 4P
20 TO 2500 MHz, 3 WATTS COUGARPAK??AMPLIFIER
AC2554 TELEDYNE-AC2554 Datasheet
131Kb / 1P
1000 TO 2500 MHz TO-8 CASCADABLE AMPLIFIER
TSA-213243 TELEDYNE-TSA-213243 Datasheet
172Kb / 2P
1000 TO 2500 MHz, 40 WATTS HIGH POWER GaN AMPLIFIER
logo
Mallory Sonalert Produc...
PS-593SCQ MSPI-PS-593SCQ Datasheet
106Kb / 1P
Resonant Frequency (Hz) 2500 ± 1000
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com