Electronic Components Datasheet Search
  English  ▼

X  

22UL1007STR Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 22UL1007STR
Description  UL1007 Hook Up Wire Stranded or Solid
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

22UL1007STR Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  22UL1007STR Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
UL1007 Hook Up Wire
Stranded or Solid
Data Sheet
3521 N. Chapel Hill Rd
Johnsburg, IL 60051 USA
remingtonindustries.com
· Conductor Material: Tinned Copper
· Insulation Material: PVC (0.016" Thick)
· Type: UL1007 Hook Up Wire, Stranded or Solid
· Voltage Rating: 300 V
Stranded or Solid UL1007 Hook Up Wire from Remington Industries is used across a variety of engineering and electronics industries. The single or multi conductor
wire is made from tinned copper that offers high quality performance for all general-purpose electrical applications, and the PVC insulation protects the wire against
abrasion, chemicals, oils, and solvents. By conforming to UL and MIL-spec specifications, the hook up wire provides excellent uniformity for processing, stripping,
and terminating. This hook up wire is available in several wire gauges (from 14 to 28 AWG) to meet your specific requirements. It is also available in a variety of
colors (see below) to allow for easy circuit identification, as well as numerous spool sizes (see below) for your convenience.
Drawn by:
AG 1/27/20
Drawing rev.:
--
DATE | ISS. | REVISION | BY
PART
NUMBER
WIRE
GAUGE
STRANDING
WIRE
DIAMETER
OVERALL
DIAMETER
14UL1007STR
14 AWG
41/30
0.0641"
0.105"
14UL1007SLD
Solid
0.097"
16UL1007STR
16 AWG
26/30
0.0508"
0.094"
16UL1007SLD
Solid
0.083"
18UL1007STR
18 AWG
16/30
0.0403"
0.080"
18UL1007SLD
Solid
0.073"
20UL1007STR
20 AWG
10/30
0.0320"
0.070"
20UL1007SLD
Solid
0.064"
22UL1007STR
22 AWG
7/30
0.0254"
0.062"
22UL1007SLD
Solid
0.058"
24UL1007STR
24 AWG
7/32
0.0201"
0.056"
24UL1007SLD
Solid
0.053"
26UL1007STR
26 AWG
7/34
0.0190"
0.050"
26UL1007SLD
Solid
0.050"
28UL1007STR
28 AWG
7/36
0.0126"
0.046"
28UL1007SLD
Solid
0.046"
· Temperature Rating: 105°C (221°F)
· Colors Available: Black, Blue, Brown, Gray, Green, Orange, Red, Violet, White, Yellow
· Spool Sizes Available: 25 ft, 100 ft, 250 ft, 500 ft, 1000 ft, 2500 ft, 5000 ft
· Also available in pre-built kits (6 or 10 different colors / 25 ft or 100 ft per spool)
OVERALL DIAMETER
WIRE DIAMETER
STRANDED
SOLID
Remington Industries
is proud to offer our
Custom Wire Services
Our exclusive inventory of
in-stock wire and ability to
procure wire of all kinds makes
us the perfect partner for wire
purchasing and custom wire
services. We are proud to
provide essential, high quality
wire for engineering projects,
educational science projects,
coil winding, and electronics
applications.
Some of our many wire services
include the following:
- Wire Re-Packaging
- Bifilar & Trifilar Windings
- Wire Processing
- Coil Winding
- Wire Procurement Services
If you have any questions or
need any information about our
Wire Services, feel free to
contact us! It only takes one
call to get experienced
assistance.
Contact us by phone:
(815) 385-1987
Contact us by email:
sales@remingtonindustries.com


Similar Part No. - 22UL1007STR

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
22UF MURATA1-22UF Datasheet
819Kb / 30P
Chip Multilayer Ceramic Capacitors for General Purpose
logo
BELIMO AIRCONTROLS (USA...
22UT-52 BELIMO-22UT-52 Datasheet
529Kb / 4P
Outside Temperature Sensor
22UT-54 BELIMO-22UT-54 Datasheet
515Kb / 4P
Outside Temperature Sensor
22UTH-51 BELIMO-22UTH-51 Datasheet
586Kb / 5P
Outdoor Sensor Humidity, Temperature active with weather shield
22UTH-510B BELIMO-22UTH-510B Datasheet
582Kb / 5P
Outdoor Sensor Humidity, Temperature with weather shield
More results

Similar Description - 22UL1007STR

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
C2015A GENERAL-C2015A Datasheet
80Kb / 1P
HOOK-UP WIRE
C2040A GENERAL-C2040A Datasheet
58Kb / 1P
HOOK UP WIRE
C2053A GENERAL-C2053A Datasheet
73Kb / 1P
HOOK-UP WIRE
C2101A GENERAL-C2101A Datasheet
80Kb / 1P
HOOK-UP WIRE
C2103A GENERAL-C2103A Datasheet
80Kb / 1P
HOOK-UP WIRE
C2106A GENERAL-C2106A Datasheet
80Kb / 1P
HOOK-UP WIRE
logo
SparkFun Electronics
PRT-08865 SPARKFUN-PRT-08865 Datasheet
97Kb / 1P
Hook-up Stranded Wire - Red (22 AWG)
3/28/2017
PRT-08866 SPARKFUN-PRT-08866 Datasheet
94Kb / 1P
Hook-up Stranded Wire - White (22 AWG)
3/28/2017
PRT-08867 SPARKFUN-PRT-08867 Datasheet
96Kb / 1P
Hook-up Stranded Wire - Black (22 AWG)
3/28/2017
PRT-11375 SPARKFUN-PRT-11375 Datasheet
95Kb / 1P
Hook-Up Wire - Assortment (Stranded, 22 AWG)
3/8/2016
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com