Electronic Components Datasheet Search
  English  ▼

X  

AM5810C Datasheet(PDF) 2 Page - AMtek SEMICONDUCTORS CO., LTD

Part # AM5810C
Description  Five Channels BTL Power Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMTEK [AMtek SEMICONDUCTORS CO., LTD]
Direct Link  http://www.amtek-semi.com
Logo AMTEK - AMtek SEMICONDUCTORS CO., LTD

AM5810C Datasheet(HTML) 2 Page - AMtek SEMICONDUCTORS CO., LTD

  AM5810C Datasheet HTML 1Page - AMtek SEMICONDUCTORS CO., LTD AM5810C Datasheet HTML 2Page - AMtek SEMICONDUCTORS CO., LTD AM5810C Datasheet HTML 3Page - AMtek SEMICONDUCTORS CO., LTD AM5810C Datasheet HTML 4Page - AMtek SEMICONDUCTORS CO., LTD AM5810C Datasheet HTML 5Page - AMtek SEMICONDUCTORS CO., LTD AM5810C Datasheet HTML 6Page - AMtek SEMICONDUCTORS CO., LTD AM5810C Datasheet HTML 7Page - AMtek SEMICONDUCTORS CO., LTD AM5810C Datasheet HTML 8Page - AMtek SEMICONDUCTORS CO., LTD AM5810C Datasheet HTML 9Page - AMtek SEMICONDUCTORS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
AM5810C
Motor Driver ICs
A
AM
Mtte
ek
k s
se
em
miic
co
on
nd
du
uc
ctto
orrs
s
F
Fe
eb
b,, 2
20
01
14
4 V
V1
1..0
0P
P
- 2 -
Electrical Characteristics ( Unless otherwise specified, Ta = 25℃, PREVCC = 12V,
POWVCC12/34 = 5V, BIAS = 1.65V, PS = 2V, RL = 8Ω )
Parameter
Symbol
Conditions
Limit
Unit
Min
Typ
Max
Quiescent Current
ICC
RL = ∞
-
23.5
34
mA
ICC
PREVCC=12V, POWVCC12/34=12V. RL=∞
37
mA
\Power save on current
IPS
PS = “L”
-
1.2
2.8
mA
Power save on voltage
VPSON
-
-
0.5
V
Power save off voltage
VPSOFF
2.0
-
-
V
<BTL Driver>
Output offset voltage
VOO
-50
0
50
mV
Max. output voltage
VOM
3.6
4.0
-
V
Closed loop voltage gain
GVC
17.2
19.0
20.8
dB
Mute on voltage
VMTON
-
-
0.5
V
Mute off voltage
VMTOFF
1.5
-
-
V
Input current for mute pin
IMUTE
VMUTE = 5V
-
160
270
μA
Input current for Bias pin
IBIAS
BVIAS = 2.5V
-
75
120
μA
<OP-AMP (CH3,4) >
Common
mode
input
voltage range
VICM
0.5
-
10.0
V
Input offset voltage
VOFOP
-6
0
6
mV
Input bias current
IBOP
-
-
300
nA
High level output voltage
VOHOP
BIAS = 6V
11.5
-
-
V
Low level output voltage
VOLOP
BIAS = 6V
-
-
0.5
V
Output sink current
ISIN
1
-
-
mA
Output source current
ISOU
1
-
-
mA
Slew rate
SROP
Input pulse 100KHz, 2Vp-p
-
1
-
V/μs
<Loading Driver>
Output saturation voltage 1
VSAT1
Upper + Lower saturation,
IL = 200mA
0.7
1.1
1.5
V
Output saturation
voltage
between F&R
ΔVSAT1 Output saturation voltage 1 between
FWD and REV
-
-
0.1
V
Output saturation voltage 2
VSAT2
Upper + Lower saturation,
IL = 500mA
1.0
1.55
2.2
V
Output adjustable gain on
“H” side voltage
GVH
“H” side output for input (LDCNT)
7.4
9.4
11
dB
<Loading driver input logic>
Input high level voltage
VIHLD
1.5
-
VCC
V
Input low level voltage
VILLD
-0.3
-
0.5
V
Input high level current
IIHLD
VFWD = VREV = 5V
-
190
270
μA
※This product is not designed for protection against radioactive rays.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com