Electronic Components Datasheet Search
  English  ▼

X  

AM5810FM Datasheet(PDF) 1 Page - AMtek SEMICONDUCTORS CO., LTD

Part # AM5810FM
Description  Five Channels BTL Power Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMTEK [AMtek SEMICONDUCTORS CO., LTD]
Direct Link  http://www.amtek-semi.com
Logo AMTEK - AMtek SEMICONDUCTORS CO., LTD

AM5810FM Datasheet(HTML) 1 Page - AMtek SEMICONDUCTORS CO., LTD

  AM5810FM Datasheet HTML 1Page - AMtek SEMICONDUCTORS CO., LTD AM5810FM Datasheet HTML 2Page - AMtek SEMICONDUCTORS CO., LTD AM5810FM Datasheet HTML 3Page - AMtek SEMICONDUCTORS CO., LTD AM5810FM Datasheet HTML 4Page - AMtek SEMICONDUCTORS CO., LTD AM5810FM Datasheet HTML 5Page - AMtek SEMICONDUCTORS CO., LTD AM5810FM Datasheet HTML 6Page - AMtek SEMICONDUCTORS CO., LTD AM5810FM Datasheet HTML 7Page - AMtek SEMICONDUCTORS CO., LTD AM5810FM Datasheet HTML 8Page - AMtek SEMICONDUCTORS CO., LTD AM5810FM Datasheet HTML 9Page - AMtek SEMICONDUCTORS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
AM5810FM
Motor Driver ICs
A
AM
Mtte
ek
k s
se
em
miic
co
on
nd
du
uc
ctto
orrs
s
D
De
ec
c,, 2
20
01
12
2 V
V1
1..6
6
- 1 -
Five Channels BTL Power Driver
AM5810FM
The AM5810FM is a 5-channel BTL driver - 2 of the channels are able to drive stepping motor, and 1 channel is for
reversible driver. Package material is Pb Free for purpose of environmental protection.
Applications
DVD, CD players
Features
1) A power saving mode is enabled by power-save
terminal.
2) Small surface mounting power package
(HSOP-28)
3) Separating Vcc into Pre and Pow, can make
better power efficiency
4) Thermal-shut-down circuit built in
5) Wide dynamic range <4.OV (Typ.) at
PreVcc=12V, PowVcc=5V>
6) BTL driver:
Input pins consist of (+) and (-), therefore
various input types are available such as
differential input.
7) Loading driver:
a.
The output voltage is adjustable by output
voltage control terminal. (Only “H” side
voltage)
b.
Brake circuit built in
c.
Circuit protection diode built in
Absolute Maximum Ratings
Parameter
Symbol
Limits
Unit
Supply voltage
PREVCC,
POWVCC
13.5
V
Power dissipation
Pd
2.2
*1
W
Operating temperature
Topr
-40 ~ +85
℃
Storage temperature
Tstg
-55 ~ +150
℃
* PCB (70X70X1.6mm) glass epoxy mounting.
* 1.Derating: 17.6mW/
oC for operation above Ta=25oC
Guaranteed Operating Ranges
PREVCC
4.3 ~ 13.2V
POWVCC
4.3 ~ PREVCC


Similar Part No. - AM5810FM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AM5810 ETC1-AM5810 Datasheet
326Kb / 7P
Quad BTL Power Driver Motor Driver ICs
May, 2003 V0.2
logo
AMtek SEMICONDUCTORS CO...
AM5810C AMTEK-AM5810C Datasheet
397Kb / 10P
Five Channels BTL Power Driver
Feb, 2014 V1.0P
More results

Similar Description - AM5810FM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA7072A PHILIPS-TDA7072A Datasheet
73Kb / 10P
Single BTL power driver
July 1994
TDA7073A PHILIPS-TDA7073A Datasheet
74Kb / 16P
Dual BTL power driver
1999 Aug 30
logo
Sanyo Semicon Device
LA6574H SANYO-LA6574H Datasheet
536Kb / 7P
Five-Channel Driver (four BTL channels plus one H bridge channel) for MD and CD Player
LA6575H SANYO-LA6575H Datasheet
532Kb / 8P
Five-Channel Driver (four BTL channels plus one H bridge channel) for MD and CD Player
LA6565VR SANYO-LA6565VR Datasheet
95Kb / 9P
Monolithic Linear IC Five-Channel CD Actuator Driver (BTL: 4 channels, H bridge: 1 channel)
LA6261 SANYO-LA6261_07 Datasheet
87Kb / 7P
For Optical Disk Drive 6-Channel Driver (BTL: 4 channels, H bridge: 2 channels)
logo
AMtek SEMICONDUCTORS CO...
AM1217S AMTEK-AM1217S Datasheet
597Kb / 13P
Three Channels Power Driver
Sep. 2014 V1.0
AM1219S AMTEK-AM1219S Datasheet
614Kb / 13P
Three Channels Power Driver
Sep. 2014 V1.0
AM1229D AMTEK-AM1229D Datasheet
469Kb / 10P
Three Channels Power Motor Driver
Sep. 2014 V1.0
AM5810C AMTEK-AM5810C Datasheet
397Kb / 10P
Five Channels BTL Power Driver
Feb, 2014 V1.0P
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com