Electronic Components Datasheet Search
  English  ▼

X  

AM7302 Datasheet(PDF) 3 Page - AMtek SEMICONDUCTORS CO., LTD

Part # AM7302
Description  Single Phase Full-Wave Motor Driver for Fan Motor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMTEK [AMtek SEMICONDUCTORS CO., LTD]
Direct Link  http://www.amtek-semi.com
Logo AMTEK - AMtek SEMICONDUCTORS CO., LTD

AM7302 Datasheet(HTML) 3 Page - AMtek SEMICONDUCTORS CO., LTD

  AM7302 Datasheet HTML 1Page - AMtek SEMICONDUCTORS CO., LTD AM7302 Datasheet HTML 2Page - AMtek SEMICONDUCTORS CO., LTD AM7302 Datasheet HTML 3Page - AMtek SEMICONDUCTORS CO., LTD AM7302 Datasheet HTML 4Page - AMtek SEMICONDUCTORS CO., LTD AM7302 Datasheet HTML 5Page - AMtek SEMICONDUCTORS CO., LTD AM7302 Datasheet HTML 6Page - AMtek SEMICONDUCTORS CO., LTD AM7302 Datasheet HTML 7Page - AMtek SEMICONDUCTORS CO., LTD AM7302 Datasheet HTML 8Page - AMtek SEMICONDUCTORS CO., LTD AM7302 Datasheet HTML 9Page - AMtek SEMICONDUCTORS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
AM7302
Motor Driver ICs
http://www.amtek-semi.com
Aug 2
20
01
13
3 V
V0
0..5
5
Specifications subject to change without notice
- 3 -
Block Diagram
Fig.1 block diagram
Pin Description
PIN No
Pin Name
Function
1
OUT2
Motor output terminal
2
VRS
Rotation Speed Setting terminal.
3
H+
Hall input terminal
4
HB
Hall Bias
5
H-
Hall input terminal
6
FG
FG signal output terminal
7
RD
RD signal output terminal
8
CPWM
Oscillation pin with external capacitor
9
VCC
Power supply terminal
10
OUT1
Motor output terminal
E-pad
GND
Ground terminal
Truth Table
H+
H-
PWM
OUT1
OUT2
FG
RD
Mode
H
L
H
HL
L (Output Tr : ON)
L (Output Tr :
ON)
Operation mode
L
H
L
H
Z (Output Tr : OFF)
H
L
L
LL
L (Output Tr : ON)
L
H
L
L
Z (Output Tr : OFF)
H
L
-
LL
L (Output Tr : ON)
Z (Output Tr :
OFF)
Lock mode
L
H
L
L
Z (Output Tr : OFF)
Z:Open drain output (High impedance)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com