Electronic Components Datasheet Search
  English  ▼

X  

AM9293Q Datasheet(PDF) 2 Page - AMtek SEMICONDUCTORS CO., LTD

Part # AM9293Q
Description  Sensorless BLDC Motor Driver for Optical Storage
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMTEK [AMtek SEMICONDUCTORS CO., LTD]
Direct Link  http://www.amtek-semi.com
Logo AMTEK - AMtek SEMICONDUCTORS CO., LTD

AM9293Q Datasheet(HTML) 2 Page - AMtek SEMICONDUCTORS CO., LTD

  AM9293Q Datasheet HTML 1Page - AMtek SEMICONDUCTORS CO., LTD AM9293Q Datasheet HTML 2Page - AMtek SEMICONDUCTORS CO., LTD AM9293Q Datasheet HTML 3Page - AMtek SEMICONDUCTORS CO., LTD AM9293Q Datasheet HTML 4Page - AMtek SEMICONDUCTORS CO., LTD AM9293Q Datasheet HTML 5Page - AMtek SEMICONDUCTORS CO., LTD AM9293Q Datasheet HTML 6Page - AMtek SEMICONDUCTORS CO., LTD AM9293Q Datasheet HTML 7Page - AMtek SEMICONDUCTORS CO., LTD AM9293Q Datasheet HTML 8Page - AMtek SEMICONDUCTORS CO., LTD AM9293Q Datasheet HTML 9Page - AMtek SEMICONDUCTORS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
AM9293Q
Optical Disc ICs
http://www.amtek-semi.com
M
Ma
arr.. 2
20
01
13
3 V
V0
0..1
1
Specifications subject to change without notice
- 2 -
Electrical Characteristics
(Unless otherwise specified, Ta = 25℃, VDD1=VDD2= 5V, VCCB=VM=12V, RNF=0.66Ω,
VREF=1.65V)
Parameter
Symbol
Limit
Unit
Conditions
Min
Typ
Max
Common
Sleep current
ISC
-
700
-
uA
MU1=0V
Quiescent current
ICC
-
3
-
mA
MU1=5V, MU2=5V
MUTE1/MUTE2
terminal low voltage
VMU1L/
VMU2L
0
-
0.8
V
MU1/MU2
MUTE1/MUTE2
terminal high voltage
VMU1H/
VMU2H
2.5
-
5
V
MU1/MU2
MUTE1/MUTE2
terminal input current
IMU1/
IMU2
-
-
500
uA
MU1/MU2=5V
PWM carrier frequency
Fosc
-
85
-
KHz
VREF input voltage
range
VinREF
1.0
-
3.0
V
VREF terminal input
current
IinREF
-
50
-
uA
VREF=1.65V
Spindle driver block < FG output>
High voltage
VFGH
4.9
V
100 kΩ pull up to VDD
Low voltage
VFGL
-
0.1
V
Spindle driver block <Torque control>
Output on resistance
RDSON
2
Ω
Io=0.5[A]
Control voltage dead
zone-
VDZ-
-80
-40
0
mV
SPIN<VREF [REVERSE]
Control voltage dead
zone+
VDZ+
0
+40
+80
mV
VREF<SPIN [FORWARD]
Control gain
Gvo
0.85
1.0
1.15
V/V
Gio=Gvo/RNF[A/V]
Control limit 1F
Vlim1F
0.55
V
Ilim1F=Vlim1F/RNF
[FORWARD]
Control limit 1R
Vlim1R
0.32
V
Ilim1R=Vlim1R/RNF
[REVERSE]
This product is not designed for protection against radioactive rays.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com