Electronic Components Datasheet Search
  English  ▼

X  

AM9858P Datasheet(PDF) 2 Page - AMtek SEMICONDUCTORS CO., LTD

Part # AM9858P
Description  180 Deg BLDC Motor Driver for Optical Storage AM9858
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMTEK [AMtek SEMICONDUCTORS CO., LTD]
Direct Link  http://www.amtek-semi.com
Logo AMTEK - AMtek SEMICONDUCTORS CO., LTD

AM9858P Datasheet(HTML) 2 Page - AMtek SEMICONDUCTORS CO., LTD

  AM9858P Datasheet HTML 1Page - AMtek SEMICONDUCTORS CO., LTD AM9858P Datasheet HTML 2Page - AMtek SEMICONDUCTORS CO., LTD AM9858P Datasheet HTML 3Page - AMtek SEMICONDUCTORS CO., LTD AM9858P Datasheet HTML 4Page - AMtek SEMICONDUCTORS CO., LTD AM9858P Datasheet HTML 5Page - AMtek SEMICONDUCTORS CO., LTD AM9858P Datasheet HTML 6Page - AMtek SEMICONDUCTORS CO., LTD AM9858P Datasheet HTML 7Page - AMtek SEMICONDUCTORS CO., LTD AM9858P Datasheet HTML 8Page - AMtek SEMICONDUCTORS CO., LTD AM9858P Datasheet HTML 9Page - AMtek SEMICONDUCTORS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
AM9858
Optical Disc ICs
http://www.amtek-semi.com
Jun.. 2
20
01
13
3 V
V1
1..6
6P
P
Specifications subject to change without notice
- 2 -
Electrical Characteristics
(Unless otherwise specified, Ta = 25℃, VCC1=VCC2= 5V, VM=12V, RSP=0.44Ω, VREF=1.65V)
Parameter
Symbol
Limit
Unit
Conditions
Min
Typ
Max
Common
Sleep current
ISC
-
500
-
uA
MU1=0V
Quiescent current
ICC
-
4
-
mA
MU1=5V, MU2=5V
MUTE1/MUTE2
terminal low voltage
VMU1L/
VMU2L
0
-
0.8
V
MU1/MU2
MUTE1/MUTE2
terminal high voltage
VMU1H/
VMU2H
2.5
-
5
V
MU1/MU2
MUTE1/MUTE2
terminal input current
IMU1/
IMU2
-
85
200
uA
MU1/MU2=5V
PWM carrier frequency
Fosc
-
130
-
KHz
OSC: with 68pF
VREF input voltage
range
VinREF
1.0
-
3.0
V
VREF terminal input
current
IinREF
-
90
-
uA
VREF=1.65V
Spindle driver block < Hall bias>
HB output voltage
VHB
0.8
1.1
1.4
V
IHB = 10mA
2.1
2.5
2.8
V
IHB = 30mA
HB terminal sink current
IHB
-
-
30
mA
MU1=5V
Spindle driver block <Hall amplifier>
Common mode input
range
VHcom
1.3
-
3.7
V
HU+, HU-, HV+, HV-,
HW+, HW-
Input signal level
VHmin
60
-
-
mVp-p
HU+, HU-, HV+, HV-,
HW+, HW-
Spindle driver block <Torque control>
Output on resistance
RDSON
-
2.0
-
Ω
Io=0.5[A], VM=12V
Output on resistance
RDSON
-
3.0
-
Ω
Io=0.25[A], VM=5V
Control voltage dead
zone-
VDZ-
-80
-40
0
mV
SPIN<VREF [REVERSE]
Control voltage dead
zone+
VDZ+
0
+40
+80
mV
VREF<SPIN [FORWARD]
Control gain
Gvo
0.85
1.0
1.15
V/V
Gio=Gvo/Rs[A/V]
Control limit 1F
Vlim1F
0.46
0.55
0.615
V
Ilim1F=Vlim1F/Rs
[FORWARD] MU2=0V
Control limit 1R
Vlim1R
0.28
0.33
0.38
V
Ilim1R=Vlim1R/Rs
[REVERSE]
This product is not designed for protection against radioactive rays.
Hall sensor power supply is recommended to be 5V to ensure Hall input range keeps
1.3Vmin ~3.7V max at Ta= -40’c~85’c condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com