| Electronic Components Datasheet Search |
|
CSRF0603 Datasheet(PDF) 7 Page - Stackpole Electronics, Inc. |
|
|
|||||||||||||||||||||||||||||
CSRF0603 Datasheet(HTML) 7 Page - Stackpole Electronics, Inc. |
|
7 / 11 page ![]() Rev Date: 6/28/2022 7 www.seielect.com This specification may be changed at any time without prior notice. marketing@seielect.com Please confirm technical specifications before you order and/or use. CSRF Series Foil on Ceramic Current Sensing Chip Resistor Stackpole Electronics, Inc. Resistive Product Solutions Taping Specifications – Paper Tape Taping Specifications – Embossed Plastic Tape Type/Code Unit 0.028 ± 0.002 0.047 ± 0.002 0.069 ± 0.004 0.138 ± 0.002 0.315 ± 0.008 Inches 0.70 ± 0.05 1.20 ± 0.05 1.75 ± 0.10 3.50 ± 0.05 8.00 ± 0.20 mm 0.043 ± 0.004 0.075 ± 0.004 0.069 ± 0.004 0.138 ± 0.002 0.315 ± 0.008 Inches 1.10 ± 0.10 1.90 ± 0.10 1.75 ± 0.10 3.50 ± 0.05 8.00 ± 0.20 mm 0.063 ± 0.004 0.094 ± 0.004 0.069 ± 0.004 0.138 ± 0.002 0.315 ± 0.008 Inches 1.60 ± 0.10 2.40 ± 0.10 1.75 ± 0.10 3.50 ± 0.05 8.00 ± 0.20 mm 0.066 ± 0.008 0.094 ± 0.008 0.069 ± 0.004 0.138 ± 0.004 0.315 ± 0.012 Inches 1.68 ± 0.20 2.38 ± 0.20 1.75 ± 0.10 3.50 ± 0.10 8.00 ± 0.30 mm 0.079 ± 0.004 0.142 ± 0.004 0.069 ± 0.004 0.138 ± 0.002 0.315 ± 0.008 Inches 2.00 ± 0.10 3.60 ± 0.10 1.75 ± 0.10 3.50 ± 0.05 8.00 ± 0.20 mm 0.079 ± 0.004 0.142 ± 0.004 0.069 ± 0.004 0.138 ± 0.002 0.315 ± 0.008 Inches 2.00 ± 0.10 3.60 ± 0.10 1.75 ± 0.10 3.50 ± 0.05 8.00 ± 0.20 mm Type/Code Unit 0.157 ± 0.004 0.079 ± 0.004 0.079 ± 0.002 0.061 ± 0.002 0.024 ± 0.004 Inches 4.00 ± 0.10 2.00 ± 0.10 2.00 ± 0.05 1.55 ± 0.05 0.60 ± 0.10 mm 0.157 ± 0.004 0.157 ± 0.004 0.079 ± 0.002 0.061 ± 0.002 0.028 ± 0.004 Inches 4.00 ± 0.10 4.00 ± 0.10 2.00 ± 0.05 1.55 ± 0.05 0.70 ± 0.10 mm 0.157 ± 0.004 0.157 ± 0.004 0.079 ± 0.002 0.061 ± 0.002 0.038 ± 0.004 Inches 4.00 ± 0.10 4.00 ± 0.10 2.00 ± 0.05 1.55 ± 0.05 0.97 ± 0.10 mm 0.157 ± 0.004 0.157 ± 0.004 0.079 ± 0.004 0.059 ± 0.004 0.034 ± 0.008 Inches 4.00 ± 0.10 4.00 ± 0.10 2.00 ± 0.10 1.50 ± 0.10 0.87 ± 0.20 mm 0.157 ± 0.004 0.157 ± 0.004 0.079 ± 0.002 0.061 ± 0.002 0.038 ± 0.004 Inches 4.00 ± 0.10 4.00 ± 0.10 2.00 ± 0.05 1.55 ± 0.05 0.97 ± 0.10 mm 0.157 ± 0.004 0.157 ± 0.004 0.079 ± 0.002 0.061 ± 0.002 0.038 ± 0.004 Inches 4.00 ± 0.10 4.00 ± 0.10 2.00 ± 0.05 1.55 ± 0.05 0.97 ± 0.10 mm CSRF0612 CSRF0603 A B CSRF1206 CSRF0612 CSRF0402 CSRF0603 CSRF0805 P0 P1 CSRF0402 E F W CSRF0805 CSRF1206 D0 T P2 CSRF0508 CSRF0508 Type/Code Unit 0.110 ± 0.006 0.217 ± 0.006 0.069 ± 0.004 0.217 ± 0.002 0.472 ± 0.012 Inches 2.80 ± 0.15 5.50 ± 0.15 1.75 ± 0.10 5.50 ± 0.05 12.00 ± 0.30 mm 0.134 ± 0.008 0.266 ± 0.008 0.069 ± 0.004 0.217 ± 0.004 0.472 ± 0.012 Inches 3.40 ± 0.20 6.75 ± 0.20 1.75 ± 0.10 5.50 ± 0.10 12.00 ± 0.30 mm Type/Code Unit 0.157 ± 0.004 0.157 ± 0.004 0.079 ± 0.002 0.059 ± 0.004 0.033 ± 0.008 Inches 4.00 ± 0.10 4.00 ± 0.10 2.00 ± 0.05 1.50 ± 0.1 0.10 0.84 ± 0.20 mm 0.157 ± 0.004 0.157 ± 0.004 0.079 ± 0.004 0.059 ± 0.004 0.039 ± 0.008 Inches 4.00 ± 0.10 4.00 ± 0.10 2.00 ± 0.10 1.50 ± 0.10 1.00 ± 0.20 mm A B CSRF2010 CSRF2512 CSRF2512 W CSRF2010 P0 E F P1 P2 D0 T |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |