Electronic Components Datasheet Search
  English  ▼

X  

CS234075 Datasheet(PDF) 33 Page - List of Unclassifed Manufacturers

Part # CS234075
Description  MAGNETIC POWDER CORES
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CS234075 Datasheet(HTML) 33 Page - List of Unclassifed Manufacturers

Back Button CS234075 Datasheet HTML 29Page - List of Unclassifed Manufacturers CS234075 Datasheet HTML 30Page - List of Unclassifed Manufacturers CS234075 Datasheet HTML 31Page - List of Unclassifed Manufacturers CS234075 Datasheet HTML 32Page - List of Unclassifed Manufacturers CS234075 Datasheet HTML 33Page - List of Unclassifed Manufacturers CS234075 Datasheet HTML 34Page - List of Unclassifed Manufacturers CS234075 Datasheet HTML 35Page - List of Unclassifed Manufacturers CS234075 Datasheet HTML 36Page - List of Unclassifed Manufacturers CS234075 Datasheet HTML 37Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 42 page
background image
63 ::: Chang Sung Corporation
ELLIPSE CORES
• Shorter wire length than rectangular post
• Good DC Bias characteristics
• Larger energy storage capacity
• Low core loss at high frequency
• Choke filter for solar cell inverters
• Boost Inductor for solar cell inverters
Features
Applications
Product Identification
Magnetic Powder Cores :::
64
Permeability vs DC Bias Curves
ELLIPSE CORES ASSEMBLY
(1) Post Ellipse Cores
Post
Plate
LK3515-20
LK3515-25
LK3520-20
LK3520-25
Part No.
35
35
35
35
15
15
20
20
7.5
7.5
7.5
7.5
20
25
20
25
Dimensions
Cross
Section
Area
(cm2)
A
Length
(mm)
B
Width
(mm)
RC
Radius
(mm)
D
Heigth
(mm)
LS(Sendust Ellipse Core), LH(High Flux Ellipse Core) and customized designs are also available.
4.77
4.77
6.52
6.52
(2) Plate Ellipse Cores
LK5035-13
LK5035-18
LK6035-13
LK6035-18
LK7035-13
LK7035-18
Part No.
50
50
60
60
60
70
35
35
35
35
35
35
7.5
7.5
7.5
7.5
7.5
7.5
Dimensions
Cross
Section
Area
(cm2)
A
Length
(mm)
B
Width
(mm)
RC
Radius
(mm)
D
Heigth
(mm)
4.77
6.52
4.77
6.52
4.77
6.52
PLATE
Part No.
Part No.
1 LEG
STACK
Dimensions
POST
Path
Length
(cm)
Cross
Section
Area(cm2)
Window
Area
(cm2)
AL value (nH/N2)
12%
026μ
040μ
060μ
A
Length
(mm)
B
Width
(mm)
C
Heigtht
(mm)
D
Inner
Heigtht
(mm)
LK5035-13
LK5035-18
LK3515-20
LK3515-25
LK3515-20
LK3520-20
LK3520-25
LK3520-20
2
2
3
2
2
3
16.47
18.47
16.04
18.04
20.04
22.04
4.77
4.77
4.77
6.52
6.52
6.52
8
10
12
4
5
6
113
101
91
158
141
127
146
130
117
204
182
164
218
195
176
306
273
245
50
50
50
50
50
50
35
35
35
35
35
35
67
77
87
77
87
97
40
50
60
40
50
60
20
20
20
10
10
10
E
Inner
Length
(mm)
LK 35 15 - 20 C
Height : 20mm
Length : 35mm
Width : 15mm
Mega Flux Ellipse Core
LK : Mega Flux , LS: Sendust
Available perm. 26,40,60μ
Available size : 20mm~25mm
Permeability : 60μ
LK 60 35 - 13 C
Height : 13mm
Length : 60mm
Width : 35mm
Ellipse Core
LK : Mega Flux
Available perm. 26,40,60μ
Available size : 13mm~18mm
Permeability : 60μ
13.5
18.5
13.5
18.5
13.5
18.5
LK6035-13
LK6035-18
LK7035-13
LK7035-18
LK3515-20
LK3515-25
LK3515-20
LK3520-20
LK3520-25
LK3520-20
LK3515-20
LK3515-25
LK3515-20
LK3520-25
LK3520-20
LK3520-25
2
2
3
2
2
3
2
2
3
2
2
3
18.47
20.47
22.47
18.04
20.04
22.04
20.47
22.47
24.47
20.04
22.04
24.04
4.77
4.77
4.77
6.52
6.52
6.52
4.77
4.77
4.77
6.52
6.52
6.52
12
15
18
8
10
12
16
20
24
12
15
18
101
91
83
141
127
115
91
83
76
127
115
106
130
117
107
182
164
149
117
107
98
164
149
136
195
176
160
273
245
223
176
160
147
245
223
204
60
60
60
60
60
60
70
70
70
70
70
70
35
35
35
35
35
35
35
35
35
35
35
35
67
77
87
77
87
97
67
77
87
77
87
97
40
50
60
40
50
60
40
50
60
40
50
60
30
30
30
20
20
20
40
40
40
30
30
30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com