Electronic Components Datasheet Search
  English  ▼

X  

CS270060 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # CS270060
Description  MAGNETIC POWDER CORES
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CS270060 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button CS270060 Datasheet HTML 9Page - List of Unclassifed Manufacturers CS270060 Datasheet HTML 10Page - List of Unclassifed Manufacturers CS270060 Datasheet HTML 11Page - List of Unclassifed Manufacturers CS270060 Datasheet HTML 12Page - List of Unclassifed Manufacturers CS270060 Datasheet HTML 13Page - List of Unclassifed Manufacturers CS270060 Datasheet HTML 14Page - List of Unclassifed Manufacturers CS270060 Datasheet HTML 15Page - List of Unclassifed Manufacturers CS270060 Datasheet HTML 16Page - List of Unclassifed Manufacturers CS270060 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 42 page
background image
23 ::: Chang Sung Corporation
Inductor specification
Solution
a) Calculate NI (Ampere Turns) NI = 22Turns X 10Ampere = 220
b) Read the AL value of CM270125 using the AL vs NI curve on page 43.
AL value of CM270125 yields 100.4 when NI is 220.
c) Calculate L at 10Ampere by using formula; LN = AL x N2X 10-3(μH)
Therefore,
L(
10A) = 100.4 222 0.001
= 48.6(μH)
Inductance calculation by Permeability vs DC Bias Curve is also available on Page 11.
- Core : CM270125
- Number of Winding : 22Turns
- Current : DC 10Amperes
Inductance Calculation by AL vs NI Curves;
Magnetic Powder Cores :::
24
TOROIDAL
MAGNETIC
POWDER
CORES
MAGNETIC POWDER CORES
NOTES
Tolerance of AL value
OD 035~OD 046
OD 063~OD 112
OD 127~OD 1625
Core Size
15%
12%
8%
NA
8%
8%
12%
8%
8%
12%
8%
8%
Sendust
MPP
High Flux
Maga Flux



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com