Electronic Components Datasheet Search
  English  ▼

X  

LS60 Datasheet(PDF) 2 Page - Teledyne Technologies Incorporated

Part # LS60
Description  30A to 600 Vac SIP Package DC Control
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

LS60 Datasheet(HTML) 2 Page - Teledyne Technologies Incorporated

  LS60 Datasheet HTML 1Page - Teledyne Technologies Incorporated LS60 Datasheet HTML 2Page - Teledyne Technologies Incorporated LS60 Datasheet HTML 3Page - Teledyne Technologies Incorporated LS60 Datasheet HTML 4Page - Teledyne Technologies Incorporated LS60 Datasheet HTML 5Page - Teledyne Technologies Incorporated LS60 Datasheet HTML 6Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
LS Page 2
SPECIFICATIONS ARE SUBJECT TO CHANGE WITHOUT NOTICE
© 2016 TELEDYNE RELAYS
LS\092014\Q3
Series LS
30A to 600 Vac SIP Package
DC Control
010
20 30 40 50
60 70 80
90 100
Ambient Temperature (
°C)
Without heat sink
6
°C/W
0
5
10
15
20
0
5
10
15
20
Load Current (Arms)
Full on state
FW150 (~
~3
°C/W)
FW100
(~
~4
°C/W)
010
20 30 40 50
60 70 80
90 100
Without heat sink
6
°C/W
FW100
(~
~4
°C/W)
0
5
10
15
20
25
0
5
10
15
20
25
30
35
Ambient Temperature (
°C)
Full on state
FW150 (~
~3
°C/W)
Load Current (Arms)
0
10
20
30405060708090
100
0
5
10
15
20
25
30
35
0
10
20
30
40
Ambient Temperature (
°C)
Full on state
Without heat sink
6
°C/W
FW100
(~
~4
°C/W)
FW150 (~
~3
°C/W)
Load Current (Arms)
THERMAL CHARACTERISTICS
Figure 5c — LS24D27C, LS60D30C relays
Figure 5b — LS60D22C relays
Figure 5a — LS24D16C relay
CONTROL CHARACTERISTIC
2
10
12
14
0
1
468
4
6
8
10
14
Control Voltage (V)
16
20
18
22
24
26
28
30
12
2
0
3
5
7
9
11
13
15 16
Figure 4 — LS relays
OUTPUT (LOAD) SPECIFICATION
Min
Max
Unit
Operating Range
LS24
12
280
Vrms
LS60
24
600
Vrms
Peak Voltage
LS24D16C
600
Vpeak
LS60D22C
1200
Vpeak
Load Current Range
LS24D16C
.005
16*
Arms
LS60D22C
.005
25*
Arms
LS24D27C
.005
30*
Arms
LS60D30C
.005
30*
Arms
*Limited by the heat sink
Maximum Surge Current Rating (Non-Repetitive)
(See Figure 6)
LS24D16C
160
Apeak
LS60D22C
300
Apeak
LS24D27C
600
Apeak
LS60D30C
1000
Apeak
On-State Voltage Drop
1.6
V
Zero-Cross Window (Typical)
±12
V
Off-State Leakage Current (60Hz)
1
mA
INPUT (CONTROL) SPECIFICATION
Min
Max
Units
Control Range
4
14
Vdc
Input Current Range
6.5
30
mAdc
Must Turn-off Voltage
1
Vdc
Input Resistance (Typical)
440
Ohms



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com