Electronic Components Datasheet Search
  English  ▼

X  

TSA-2 Datasheet(PDF) 4 Page - 3M Electronics

Part # TSA-2
Description  Film Applicators for Textured Surfaces
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

TSA-2 Datasheet(HTML) 4 Page - 3M Electronics

  TSA-2 Datasheet HTML 1Page - 3M Electronics TSA-2 Datasheet HTML 2Page - 3M Electronics TSA-2 Datasheet HTML 3Page - 3M Electronics TSA-2 Datasheet HTML 4Page - 3M Electronics TSA-2 Datasheet HTML 5Page - 3M Electronics TSA-2 Datasheet HTML 6Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
PB-IB TSA & CMP Tools - 4
3M
™ Two-Handled
Textured Surface
Applicator TSA-4
Attach a heat gun to applicator TSA-4
and use the tool to conform large areas of
film to a textured surface.
Clamping Knob
Heat Gun Holder
Roller
Handle
Direction of Movement
for this tool orientation
Heat Gun Barrel
Mounting the Heat Gun
Consider this before mounting the gun: the gun must
heat the film before the roller contacts the film. In the
orientation shown in these photos, the applicator would
always be leading with the left hand and following with
the right hand. To lead with the right hand, rotate the
tool 180 degrees before mounting the gun.
Use a heat gun with a barrel of 1.53 to 1.55 inch (38.9
to 39.3 mm) diameter. Always mount the gun so the
electric cord is hanging down. Insert the gun barrel in
the heat gun holder and securely tighten the clamping
knob. The end of the gun should be about 1 inch (2.5
cm) above the substrate when the tool is in use.
To change directions, shut off and unplug the gun,
loosen the clamping knob, rotate the tool 180 degrees
and tighten the clamping knob.
WARNING Always wear heat-resistant gloves on both hands when
using this tool. The metal surfaces of the tool become
hot during use. Even after you shut off the gun, the
metal may burn unprotected skin until the tool cools.
Proper Tool Ergonomics
• Keep both handles parallel to the application
surface so the gun nozzle maintains an even
distance from the surface so there is uniform
pressure at both the top and bottom of the roller.
Keep the gun nozzle at an even distance from the
film.
• Walk along with the tool, staying centered in front
of it for even pressure rather than extending your
arms across a broad distance.
• Use enough pressure to conform the film to the
substrate.
How to Apply Film with Applicator TSA-4
1. Wear a heat-resistant glove on both hands.
2. Set the heat gun to the temperature specified in
Instruction Bulletin 5.37.
3. Lightly tack the film to the substrate. Use a tapping
motion with your fingers or lightly roll it, without
heat, using applicator TSA-1 or TSA-4.
4. Adjust the heat gun in the tool so the gun opening
is about 1 inch away from the textured surface.
To set edges, quickly and lightly pass applicator
TSA-1 or TSA-4 and the heat gun over the edges of the
film to set the edges, but do not conform the film; it is
critical that air have an escape path during installation.
Edge setting is especially recommended when
using overlaminate 8524.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com