Electronic Components Datasheet Search
  English  ▼

X  

TS4GCF100I Datasheet(PDF) 13 Page - Transcend Information. Inc.

Part # TS4GCF100I
Description  Transcend Industrial CF Card (TS123M~16GCF100I)
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSCEND [Transcend Information. Inc.]
Direct Link  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS4GCF100I Datasheet(HTML) 13 Page - Transcend Information. Inc.

Back Button TS4GCF100I Datasheet HTML 9Page - Transcend Information. Inc. TS4GCF100I Datasheet HTML 10Page - Transcend Information. Inc. TS4GCF100I Datasheet HTML 11Page - Transcend Information. Inc. TS4GCF100I Datasheet HTML 12Page - Transcend Information. Inc. TS4GCF100I Datasheet HTML 13Page - Transcend Information. Inc. TS4GCF100I Datasheet HTML 14Page - Transcend Information. Inc. TS4GCF100I Datasheet HTML 15Page - Transcend Information. Inc. TS4GCF100I Datasheet HTML 16Page - Transcend Information. Inc. TS4GCF100I Datasheet HTML 17Page - Transcend Information. Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 80 page
background image
T
T
Trrra
a
an
n
ns
s
sc
c
ce
e
en
n
nd
d
d IIIn
n
nd
d
du
u
us
s
stttrrriiia
a
alll C
C
CF
F
F C
C
Ca
a
arrrd
d
d
(((T
T
TS
S
S1
1
12
2
28
8
8M
M
M ~
~
~ 1
1
16
6
6G
G
GC
C
CF
F
F1
1
10
0
00
0
0III)))
Transcend Information Inc.
V1.2
13
WP
(PC Card Memory Mode)
Write Protect
-IOIS16
(PC Card I/O Mode)
-IOCS16
(True IDE Mode)
O
24
Memory Mode – The CompactFlash Storage Card does not have a write protect
switch. This signal is held low after the completion of the reset initialization
sequence.
I/O Operation – When the CompactFlash Storage Card is configured for I/O
Operation Pin 24 is used for the -I/O Selected is 16 Bit Port (-IOIS16) function. A
Low signal indicates that a 16 bit or odd byte only operation can be performed at
the addressed port.
In True IDE Mode this output signal is asserted low when this device is expecting
a word data transfer cycle.
Electrical Specification
The following tables indicate all D.C. Characteristics for the CompactFlash Storage Card. Unless
otherwise stated, conditions are:
Vcc = 5V ±10%
Vcc = 3.3V ± 5%
Absolute Maximum Conditions
Input Power
Input Leakage Current
Input Characteristics
CompactFlash interface I/O at 5.0V
Parameter
Symbol
Min.
Max.
Unit
Remark



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com