Electronic Components Datasheet Search
  English  ▼

X  

DS20006111A Datasheet(PDF) 39 Page - Microchip Technology

Part # DS20006111A
Description  I²C-Compatible (Two-Wire) Serial EEPROM 1‑Kbit (128 x 8), 2‑Kbit (256 x 8)
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DS20006111A Datasheet(HTML) 39 Page - Microchip Technology

Back Button DS20006111A Datasheet HTML 35Page - Microchip Technology DS20006111A Datasheet HTML 36Page - Microchip Technology DS20006111A Datasheet HTML 37Page - Microchip Technology DS20006111A Datasheet HTML 38Page - Microchip Technology DS20006111A Datasheet HTML 39Page - Microchip Technology DS20006111A Datasheet HTML 40Page - Microchip Technology DS20006111A Datasheet HTML 41Page - Microchip Technology DS20006111A Datasheet HTML 42Page - Microchip Technology DS20006111A Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 45 page
background image
11.
Revision History
Revision A (November 2018)
Updated to the Microchip template. Microchip DS20006111 replaces Atmel document 8700. Corrected
tLOW typo from 400 ns to 500 ns. Corrected tAA typo from 550 ns to 450 ns. Updated Part Marking
Information. Updated the "Software Reset" section. Added ESD rating. Removed lead finish designation.
Updated trace code format in package markings. Added a figure for “System Configuration Using
Two‑Wire Serial EEPROMs”. Updated "Block Diagram" figure. Added POR recommendations section.
Updated section content throughout for clarification. Updated the 8U3‑1 VFBGA package drawing.
Updated the PDIP, SOIC, TSSOP, SOT23 and UDFN package drawings to Microchip format.
Atmel Document 8700 Revision H (December 2016)
•
Part marking SOT23:
–
Moved backside mark (YMXX) to front side line2.
–
Added @ = Country of Assembly
Atmel Document 8700 Revision G (January 2015)
•
Add the UDFN extended quantity option.
•
Update part markings, package drawings, ordering information, template, and reorganize.
Atmel Document 8700 Revision F (June 2012)
•
Corrected ordering codes:
–
AT24C01C-WWU11, Die Sale to AT24C01C-WWU11M, Wafer Sale.
–
AT24C02C-WWU11, Die Sale to AT24C02C-WWU11M, Wafer Sale.
•
Removed WDT from ordering code detail.
•
Updated Atmel logos and disclaimer page.
Atmel Document 8700 Revision E (May 2012)
•
Updated data sheet template.
•
Added AT24C01C to document.
•
Electrical performance improvements:
–
Reduced all ISB from legacy values.
–
Increased 1MHz frequency range to include 2.5V operation.
•
Updated package drawings to latest versions (where applicable) and selected waveforms.
Atmel Document 8700 Revision D (August 2010)
Changed AT24C02C-XHM Part Marking from C02CM@ to 02CM @.
Atmel Document 8700 Revision C (July 2010)
•
Ordering Information:
–
Changed Atmel AT24C02C-TSUM-T to Atmel AT24C02C-STUM-T.
–
Changed Atmel AT24C02CY6-MAHM-T to Atmel AT24C02C-MAHM-T.
–
Changed Atmel AT24C02CU3-CUM-T to Atmel AT24C02C-CUM-T.
•
Catalog numbering scheme, changed TS = SOT23 to ST = SOT23.
AT24C01C/AT24C02C
Revision History
© 2018 Microchip Technology Inc.
Datasheet
DS20006111A-page 39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com