Electronic Components Datasheet Search
  English  ▼

X  

SSD1306 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # SSD1306
Description  OLED Driver Controller
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SSD1306 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  SSD1306 Datasheet HTML 1Page - List of Unclassifed Manufacturers SSD1306 Datasheet HTML 2Page - List of Unclassifed Manufacturers SSD1306 Datasheet HTML 3Page - List of Unclassifed Manufacturers SSD1306 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
OLED Driver Controller
OLED Driver Controller
Application Diagram
MCU
OLED Display Panel
Segment/Common Outputs
OLED Driver IC
VSS VDD VCC
Dot Matrix Panel
Dot Matrix Panel With Icon Display Connections
256 Icon Mode Connections
ICCA0
ICCB0
ICCA1
ICCB1
ICS0
CS2
CS1
ICS125 ICS126 ICS127
OLED Icon Driver IC
MCU
VSS VDD VCC
Selection Guide - Mono/Area Color
Part Number
SSD1305
SSD1306 SSD1307 SSD1308 SSD1309
SSD1311
SSD1313 SSD1316
SSD1360
Display Features
Maximum panel resolution
132 x 64
128 x 64
128 x 39
128 x 64
128 x 64
20 Char x 4 Lines
128 / 256
128 x 39
120 x 17 +
Icon Lines
32 icons
Embedded SRAM display buffer
132 x 64 bits
128 x 64 bits 128 x 39 bits 128 x 64 bits 128 x 64 bits
80 x 8 bits
−
128 x 39 bits
120 x 16 bits
Mono and 4 color
selections for area color
Contrast control
256 steps
256 steps
256 steps
256 steps
256 steps
256 steps
256 steps
256 steps
256 steps
DC Characteristics
Segment maximum source current
320uA
240uA
320uA
150uA
320uA
450uA
320uA
160uA
600uA
Common maximum sink current
45mA
30mA
40mA
20mA
40mA
45mA
40mA
20mA
80mA
2.4V - 3.6V /
2.4V - 3.6V /
4.4V - 5.5V
4.4V - 5.5V
2.4V - VDDIO /
1.65V - 3.3V
2.4V - VDDIO /
internally regulated
internally regulated
High Voltage Supply (VCC)
7.0V - 15.0V
7.0V - 15.0V 7.0V - 15.0V 7.0V - 15.0V 7.0V - 16.0V
8.0V - 15.0V
7.0V - 16.0V 7.0V - 15.0V
8.0V - 15.0V
MCU Host Interface Supported
4-bit parallel interface
−
−
−
−
−
−
−
8-bit parallel interface
Serial peripheral interface
I2C interface
Package Information
TAB
T7(132x64)
−
−
U(128x64)
−
−
−
−
−
COG
Z(132x64), Z3(132x64)
BZ(128x64)
Z2(128x39)
Z2(128x64)
Z(128x64)
M1Z8(100x32)
Z(128x4)
Z(128x39)
Z(120x17)
High Integration Controller Function
On-chip oscillator
Programmable frame rate
Programmable display MUX
−
Row/Column re-mapping
−
Horizontal scrolling
−
Vertical scrolling by RAM
−
Content scrolling
−
−
−
−
−
−
Internal charge pump regulator
−
−
−
−
−
−
−
Internal IREF selection
−
−
−
−
−
−
−
On-chip Character ROM
−
−
−
−
−
−
−
Graphic mode
−
−
−
−
−
−
−
−
Selection Guide - Gray Scale
Part Number
SSD1322
SSD1326
SSD1327
SSD1329
Display Features
Maximum panel resolution
480 x 128
256 x 32
128 x 128
128 x 128, 64 hard icons
Embedded SRAM display buffer
480 x 128 x 4 bits
256 x 32 x 4 bits
128 x 128 x 4 bits
128 x 128 x 4 bits
Display color
16 gray scale
16 gray scale
16 gray scale
16 gray scale
Contrast control
256 steps
256 steps
256 steps
256 steps
DC Characteristics
Segment maximum source current
300uA
100uA
300uA
350uA
Common maximum sink current
80mA
25mA
40mA
40mA
MCU interface Voltage Supply (VDDIO)
1.65V - VCI
1.7V - VDD
−
1.7V - VDD
Core VDD power supply (VDD)
2.4V - 2.6V
2.4V - 3.5V
1.65V - 2.6V
2.4V - 3.5V
Logic Voltage Supply (VCI)
2.4V - 3.5V
−
1.65V - 3.5V
3.2V - 4.2V (for icon)
High Voltage Supply (VCC)
10.0V - 20.0V
9.0V - 15.0V
8.0V - 18.0V
9.0V - 18.0V
MCU Host Interface Supported
8-bit parallel interface
Serial peripheral interface
I2C interface
−
−
Package Information
COF
(256x64)
−
−
−
COG
−
Z(256x32)
ZB(128x128)
Z(128x128, 64 icon)
High Integration Controller Function
On-chip oscillator
On-chip DC-DC booster
−
−
−
for hard icon
On chip VDD regulator
−
−
Programmable frame rate
Programmable display MUX
Row/Column re-mapping
Horizontal scrolling
−
Vertical scrolling by RAM
Graphic acceleration command set:
e.g. draw rectangle & copy
−
−
−
Display color
Mono
Mono
Mono
Mono
Mono
Mono
Mono
Mono
MCU interface Voltage Supply (VDDIO)
1.6V - VDD
−
−
−
−
−
−
ADVANCED DISPLAY
ADVANCED DISPLAY
Core VDD power supply (VDD)
2.4V - 3.5V
1.65V - 3.3V 1.65V - 3.3V 1.65V - 3.3V 1.65V - 3.3V
1.65V - 3.3V
ICON
Segment/
Common
Outputs
Dot Matrix
Segment/
Common
Outputs
VDD
VSS
VCC
MCU
OLED Display Panel
ICON
Segment/
Common
Outputs



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com