Electronic Components Datasheet Search
  English  ▼

X  

SSD1329 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # SSD1329
Description  OLED Driver Controller
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SSD1329 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  SSD1329 Datasheet HTML 1Page - List of Unclassifed Manufacturers SSD1329 Datasheet HTML 2Page - List of Unclassifed Manufacturers SSD1329 Datasheet HTML 3Page - List of Unclassifed Manufacturers SSD1329 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Part Number
SSD1330
SSD1331
SSD1351
SSD1352
SSD1353
SSD1355
Display Features
Maximum panel resolution
96RGB x 96
96RGB x 64
128RGB x 128
160RGB x 128
160RGB x 132
128RGB x 160
Embedded SRAM display buffer
96 x 96 x 16 bits
96 x 64 x 16 bits
128 x 128 x 18 bits
160 x 128 x 18 bits
160 x 132 x 18 bits
128 x 160 x 18 bits
Display color
65k colors
65k colors
262k colors
262k colors
262k colors
262k colors
Contrast control
256 steps
256 steps 256 steps
256 steps
256 steps
256 steps
256 steps
DC Characteristics
Segment maximum source current
200uA
200uA
200uA
300uA
160uA
200uA
Common maximum sink current
60mA
60mA
70mA
80mA
60mA
80mA
MCU interface Voltage Supply (VDDIO)
1.8V - VDD
1.6V - VDD
1.65V - VCI
1.65V - VCI
1.6V - VCI
1.6V - VCI
Core VDD power supply (VDD)
1.8V - 3.5V
2.4V - 3.5V
−
−
2.4V - 2.6V
2.4V -2.6V
Logic Voltage Supply (VCI)
−
−
2.4V - 3.5V
2.4V - 3.5V
2.4V - 3.5V
2.4V - 3.5V
High Voltage Supply (VCC)
8.0V - 18.0V
8.0V - 18.0V
10.0V - 18.0V
10.0V - 18.0V
10.0V - 21.0V
10.0V-21.0V
MCU Host Interface Supported
8-bit parallel interface
9-bit parallel interface
−
−
−
16-bit parallel interface
18-bit parallel interface
−
−
Serial peripheral interface
I2C interface
−
−
−
−
−
Package Information
COF
−
−
U(128x128)
−
U7(160x128)
U8(128x128)
COG
ZB(96x96)
Z(96x64)
Z(128x128)
Z(160x128)
Z(160x132)
Z(128x160)
High Integration Controller Function
On-chip oscillator
On chip VDD regulator
−
−
Non-Volatile Memory (OTP) for calibration
−
−
−
Programmable frame rate
Programmable display MUX
Row/Column re-mapping
Horizontal scrolling
−
Vertical scrolling by RAM
Color swapping function
Graphic acceleration command set:
draw line & rectangle, copy & dim
−
−
−
window, clear window, etc
Content Scrolling
−
−
−
−
−
Mono Mode
−
−
−
−
−
OLED Driver Controller
solutions in silicon
As OLED display technology and its manufacturing process become mature, more and more
applications have adopted OLED as a smart display. In addition, as self-emissive OLED display
comes with a wide range of operating temperatures, it is suitable for outdoor applications even
under severe weather conditions. Solomon Systech offers a wide range of OLED driver IC for
various kinds of applications.
Passive Matrix OLED Driver Controller
Solomon Systech continues to be the market leader of the Passive Matrix OLED (“PMOLED”) display IC, with a
competitive edge in small size mobile display applications. Besides providing a full range of PMOLED driver IC
from icon, mono and gray scale to full color with highly integrated features, Solomon Systech further expands
its product portfolio by launching new PMOLED display IC with built-in Character ROMs and support high panel
display brightness to replace power consuming VFD display panel.
Solomon Systech’s PMOLED drivers employ a proprietary driving scheme to reduce system power consumption
and enhance display performance. They are the ideal display solutions for devices which require high display
brightness and low power consumption.
Applications: Smartphones, Portable Gadgets, MP3, Health Care Products, Smart Power Meters, Industrial
Instruments, Automotive Display, Consumer Appliances, Remote Controls, Keypads, Switches, etc.
Active Matrix OLED Driver Controller
Nowadays, Active Matrix OLED (“AMOLED”) display is very popular for high resolution handheld devices. Solomon
Systech has rich experience in both amorphous and LTPS driver design, and we also own numerous state-of-the-
art AMOLED display IPs. To capitalize on the surging demand for AMOLED displays, Solomon Systech provides
innovative AMOLED custom display IC design solutions to meet the needs of our customers.
Applications: Smartphones, Tablet PC, PMP, Digital Cameras, Consumer Appliances, Portable Game Consoles, etc.
Solomon Systech Limited welcomes enquiries on the development of custom OLED IC.
ADVANCED DISPLAY
Innovative, High
Resolution and Energy
Efficient Solutions
for Smart Display
Applications
ADVANCED DISPLAY
OLED Driver Controller
Selection Guide - Color
solutions in silicon
Sales Contact
Solomon Systech Limited
Hong Kong
Solomon Systech Limited (Head Office)
852-2207 1111
sales@solomon-systech.com
Shenzhen
Solomon Systech (Shenzhen) Limited
86-755-8616 9900
sales_sch@solomon-systech.com
Shanghai
Solomon Systech (Shenzhen) Limited
86-21-5836 3151 /
sales_nch@solomon-systech.com
86-22-8823 3639
Beijing
Solomon Systech (Shenzhen) Limited
86-10-8766 5497 / 5498
sales_nch@solomon-systech.com
Taiwan
Solomon Systech Taiwan Limited
886-3572 0660
sales_twn@solomon-systech.com
Singapore
Solomon Systech Pte. Ltd.
65-6255 5225
sales_sea@solomon-systech.com
Japan
Solomon Systech Japan Co., Ltd.
81-3-6809 5163
sales_jpn@solomon-systech.com
USA
Solomon Systech Inc.
1-408-320 1329
sales_usa@solomon-systech.com
Europe
Solomon Europe Limited
49-0-6174 619892 /
sales_eur@solomon-systech.com
(Authorized Representative)
(M) 49-0-172 6734354
South Korea
Solomon Electronics Co., Ltd.
82-2-3445 8011
sales_kor@solomon-systech.com
(Authorized Representative)
Solomon Systech (International) Limited is a
leading semiconductor company providing IC
products and system solutions that enable a wide
range of display applications for smartphones,
smart TVs, smart projectors and other smart
devices including consumer electronics products,
portable devices, industrial appliances and green
energy applications such as LED lighting.
www.solomon-systech.com
© Copyright 2013 | April 2013
Character
•
Up to 20 Char x 4 Lines
Icon
•
Up to 256 Icon Lines
Character with Icon
•
120 SEG x 16 COM, up to
32 Icon Lines
Full Range of Resolution
(Dot Matrix Panel)
•
160RGB x 128
•
128RGB x 160
•
128RGB x 128
•
128RGB x 96
•
128RGB x 68
•
96RGB x 96
•
96RGB x 64
•
480 x 128 16 Gray Scale
•
256 x 64 16 Gray Scale
•
128 x 128 16 Gray Scale
•
128 x 80 16 Gray Scale
•
128 x 64 Mono Color
•
128 x 39 Mono Color
•
128 x 32 Mono Color
•
120 x 16 Mono Color
•
96 x 16 Mono Color
Support Low Voltage MCU
Interface 256 Steps Brightness
Current Control Pin Selectable
MCU Interfaces
•
4/8/9/16/18 Bits 6800-series
Parallel Interface
•
4/8/9/16/18 Bits 8080-series
Parallel Interface
•
3-wire and 4-wire Serial
Peripheral Interface
•
I2C Interface
Support Various Color Depths
•
262K Color (6:6:6)
•
65K Color (5:6:5)
•
16 Gray Scale
•
Mono Color
Programmable Gamma Look Up
Tables
RAM Write Synchronization
Signal to Avoid Flickering When
Updating New Image
On-chip Charge Pump
Content Scrolling for Infinite
Content Update
Non-volatile Memory (OTP) for
Panel Calibration
Row Re-mapping and Column
Re-mapping
Horizontal and Vertical Scrolling
Programmable Frame Rate and
Multiplexing Ratio
On-chip Oscillator
Slim Chip Layout for COF and COG
Key Features



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com