Electronic Components Datasheet Search
  English  ▼

X  

STM32H725AE Datasheet(PDF) 1 Page - STMicroelectronics

Part # STM32H725AE
Description  Arm® Cortex®-M7 32-bit 550 MHz MCU, up to 1 MB Flash, 564 KB RAM, Ethernet, USB, 3x FD-CAN, Graphics, 2x 16-bit ADCs
PDF  283 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H725AE Datasheet(HTML) 1 Page - STMicroelectronics

  STM32H725AE Datasheet HTML 1Page - STMicroelectronics STM32H725AE Datasheet HTML 2Page - STMicroelectronics STM32H725AE Datasheet HTML 3Page - STMicroelectronics STM32H725AE Datasheet HTML 4Page - STMicroelectronics STM32H725AE Datasheet HTML 5Page - STMicroelectronics STM32H725AE Datasheet HTML 6Page - STMicroelectronics STM32H725AE Datasheet HTML 7Page - STMicroelectronics STM32H725AE Datasheet HTML 8Page - STMicroelectronics STM32H725AE Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 283 page
background image
December 2021
DS13311 Rev 3
1/282
STM32H725xE/G
Arm® Cortex®-M7 32-bit 550 MHz MCU, up to 1 MB Flash, 564 KB
RAM, Ethernet, USB, 3x FD-CAN, Graphics, 2x 16-bit ADCs
Datasheet
- production data
Features
Includes ST state-of-the-art patented
technology
Core
• 32-bit Arm® Cortex®-M7 CPU with DP-FPU, L1
cache: 32-Kbyte data cache and 32-Kbyte
instruction cache allowing 0-wait state
execution from embedded Flash memory and
external memories, frequency up to 550 MHz,
MPU, 1177 DMIPS/2.14 DMIPS/MHz
(Dhrystone 2.1), and DSP instructions
Memories
• Up to 1 Mbyte of embedded Flash memory with
ECC
• SRAM: total 564 Kbytes all with ECC, including
128 Kbytes of data TCM RAM for critical real-
time data + 432 Kbytes of system RAM (up to
256 Kbytes can remap on instruction TCM
RAM for critical real time instructions) +
4 Kbytes of backup SRAM (available in the
lowest-power modes)
• Flexible external memory controller with up to
24-bit data bus: SRAM, PSRAM,
SDRAM/LPSDR SDRAM, NOR/NAND
memories
• 2 x Octo-SPI interface with XiP
• 2 x SD/SDIO/MMC interface
• Bootloader
Graphics
• Chrom-ART Accelerator graphical hardware
accelerator enabling enhanced graphical user
interface to reduce CPU load
• LCD-TFT controller supporting up to XGA
resolution
Clock, reset and supply management
• 1.62 V to 3.6 V application supply and I/O
• POR, PDR, PVD and BOR
• Dedicated USB power
• Embedded DCDC and LDO regulator
(*)VFQFPN68 variant is DCDC only
• Internal oscillators: 64 MHz HSI, 48 MHz
HSI48, 4 MHz CSI, 32 kHz LSI
• External oscillators: 4-50 MHz HSE,
32.768 kHz LSE
Low power
• Sleep, Stop and Standby modes
• VBAT supply for RTC, 32×32-bit backup
registers
Analog
• 2×16-bit ADC, up to 3.6 MSPS in 16-bit: up to
22 channels and 7.2 MSPS in double-
interleaved mode
VFQFPN 68
(8x8 mm)
WLCSP 115
0.35 mm pitch
FBGA
TFBGA100
(8x8 mm)
LQFP100 (14 x 14 mm)
LQFP144 (20 x 20 mm)
LQFP176 (24 x 24 mm)
FBGA
UFBGA 169 (7 x 7 mm)
UFBGA 176+25 (10 x 10 mm)
www.st.com


Similar Part No. - STM32H725AE

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32H723VE STMICROELECTRONICS-STM32H723VE Datasheet
2Mb / 227P
32-bit Arm® Cortex®-M7 550 MHz MCU, up to 1 MB Flash memory, 564 KB RAM, 35 comms peripherals and analog interfaces
September 2020 Rev 2
STM32H723VEH6TR STMICROELECTRONICS-STM32H723VEH6TR Datasheet
2Mb / 227P
32-bit Arm® Cortex®-M7 550 MHz MCU, up to 1 MB Flash memory, 564 KB RAM, 35 comms peripherals and analog interfaces
September 2020 Rev 2
STM32H723VEI6TR STMICROELECTRONICS-STM32H723VEI6TR Datasheet
2Mb / 227P
32-bit Arm® Cortex®-M7 550 MHz MCU, up to 1 MB Flash memory, 564 KB RAM, 35 comms peripherals and analog interfaces
September 2020 Rev 2
STM32H723VET6TR STMICROELECTRONICS-STM32H723VET6TR Datasheet
2Mb / 227P
32-bit Arm® Cortex®-M7 550 MHz MCU, up to 1 MB Flash memory, 564 KB RAM, 35 comms peripherals and analog interfaces
September 2020 Rev 2
STM32H723VG STMICROELECTRONICS-STM32H723VG Datasheet
2Mb / 227P
32-bit Arm® Cortex®-M7 550 MHz MCU, up to 1 MB Flash memory, 564 KB RAM, 35 comms peripherals and analog interfaces
September 2020 Rev 2
More results

Similar Description - STM32H725AE

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC1823JBD144E PHILIPS-LPC1823JBD144E Datasheet
2Mb / 147P
32-bit ARM Cortex-M3 MCU; up to 1 MB flash and 136 kB
Rev. 4-31 October 2012
logo
STMicroelectronics
STM32G071C8 STMICROELECTRONICS-STM32G071C8 Datasheet
2Mb / 133P
Arm Cortex-M0 32-bit MCU, up to 128 KB Flash, 36 KB RAM
March 2020 Rev 3
STM32H723VE STMICROELECTRONICS-STM32H723VE Datasheet
2Mb / 227P
32-bit Arm® Cortex®-M7 550 MHz MCU, up to 1 MB Flash memory, 564 KB RAM, 35 comms peripherals and analog interfaces
September 2020 Rev 2
STM32U575XX STMICROELECTRONICS-STM32U575XX Datasheet
6Mb / 329P
Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 240 DMIPS, up to 2 MB Flash memory, 786 KB SRAM
02-Jun-2022
STM32G051X6 STMICROELECTRONICS-STM32G051X6 Datasheet
1Mb / 126P
Arm® Cortex®-M0 32-bit MCU, up to 64 KB Flash, 18 KB RAM,2x USART, timers, ADC, DAC, comm. I/Fs, 1.7-3.6V
25-Nov-2021
logo
Infineon Technologies A...
XMC7100 INFINEON-XMC7100 Datasheet
2Mb / 196P
XMC7000 microcontroller 32-bit Arm® Cortex®-M7 General description
Rev. A 2022-10-20
XMC7200 INFINEON-XMC7200 Datasheet
2Mb / 189P
XMC7000 microcontroller 32-bit Arm® Cortex®-M7 General description
Rev. B 2022-10-21
logo
STMicroelectronics
STM32H742XI STMICROELECTRONICS-STM32H742XI_V01 Datasheet
7Mb / 357P
32-bit Arm® Cortex®-M7 480MHz MCUs, up to 2MB flash, up to 1MB RAM, 46 com. and analog interfaces
30-Mar-2023
logo
NXP Semiconductors
LPC82X NXP-LPC82X_V01 Datasheet
2Mb / 85P
32-bit ARM® Cortex®-M0 microcontroller; up to 32 kB flash and 8 kB SRAM; 12-bit ADC; comparator
Rev. 1.5 - 7 February 2023
logo
STMicroelectronics
STM32G431X6 STMICROELECTRONICS-STM32G431X6 Datasheet
2Mb / 198P
Arm® Cortex®-M4 32-bit MCUFPU, 170 MHz /213 DMIPS,up to 128 KB Flash, 32 KB SRAM, rich analog, math accelerator
22-Oct-2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com