Electronic Components Datasheet Search
  English  ▼

X  

SDT600 Datasheet(PDF) 2 Page - Solid State Optronic

Part # SDT600
Description  DC Input Optocoupler
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSOUSA [Solid State Optronic]
Direct Link  http://www.ssousa.com
Logo SSOUSA - Solid State Optronic

SDT600 Datasheet(HTML) 2 Page - Solid State Optronic

  SDT600 Datasheet HTML 1Page - Solid State Optronic SDT600 Datasheet HTML 2Page - Solid State Optronic SDT600 Datasheet HTML 3Page - Solid State Optronic SDT600 Datasheet HTML 4Page - Solid State Optronic SDT600 Datasheet HTML 5Page - Solid State Optronic SDT600 Datasheet HTML 6Page - Solid State Optronic  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SDT600
DC Input
Optocoupler
ELECTRICAL CHARACTERISTICS - 25°C
PARAMETER
UNIT
MIN
TYP
MAX
TEST CONDITIONS
INPUT SPECIFICATIONS
Forward Voltage
V
1.2
1.4
If = 20mA
Reverse Current
µ
10
Vr = 4V
A
OUTPUT SPECIFICATIONS
Collector-Emitter Breakdown Voltage
V
60
Ic = 10uA
Emitter-Collector Breakdown Voltage
V
6
Ie = 10uA
Dark Current
µ
0.1
Vce = 20V
A
Floating Capacitance
p
0.6
1
V = 0V, f=1.0MHz
F
Saturation Voltage
V
0.1
0.3
If = 20mA, Ic = 1mA
Current Transfer Ratio
%
60
600
If = 2mA, Vce = 5V
Rise Time
µ
5
Ic = 2mA, Vcc = 5V, Rc = 100 ohms
s
Fall Time
µ
4
Ic = 2mA, Vcc = 5V, Rc = 100 ohms
s
COUPLED SPECIFICATIONS
Isolation Voltage
V
5000
T = 1 minute
Isolation Resistance
G
50
Ω
CTR CLASSIFICATION
-A
%
60
160
-B
%
130
260
-C
%
200
400
-D
%
300
600
-E
%
60
600
© 2004 Solid State Optronics • San José, CA
www.ssousa.com • +1.408.293.4600
Page 2 of 6
SDT600
rev 1.40 (10/25/2004)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com