Electronic Components Datasheet Search
  English  ▼

X  

AP7212 Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # AP7212
Description  Bobbintron Electrical Corporation
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AP7212 Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button AP7212 Datasheet HTML 8Page - List of Unclassifed Manufacturers AP7212 Datasheet HTML 9Page - List of Unclassifed Manufacturers AP7212 Datasheet HTML 10Page - List of Unclassifed Manufacturers AP7212 Datasheet HTML 11Page - List of Unclassifed Manufacturers AP7212 Datasheet HTML 12Page - List of Unclassifed Manufacturers AP7212 Datasheet HTML 13Page - List of Unclassifed Manufacturers AP7212 Datasheet HTML 14Page - List of Unclassifed Manufacturers AP7212 Datasheet HTML 15Page - List of Unclassifed Manufacturers AP7212 Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 36 page
background image
http://www.bobbintron.com
BOBBINTRON ELECTRICAL CORPORATION
bec
ED1048 Series
60W Medical Power Supply
Electrical specifications :
Input:
Voltage……………. 100-240VAC
Current……………...1.5A rms Max
Frequency…………..50-60 Hz
Output:
Voltage (Vo)……………. (see table)
Tolerance…………………+/- 5%
Power (Po)………………..60W
Hold up time………………8mS min at Full Load, 115VAC
Over voltage protection……Built-in
Short circuit protection……Hiccup Mode, Auto Recovery
Efficiency………………….70% min, at Full Load and 115VAC
Ripple/Noise (Vp-p)………2% (20M Hz Bandwidth)
Calculated MTBF………… Over 100 Khr at 25C
Output Electronic Specifications:
Model No.
Po
Vo
Io
ED1048-12M
60W
14.7VDC
4.0A
ED1048-132M
40W
13.2VDC
3.0A
ED1048-18M
54W
18.0VDC
3.0A
ED1048-24M
60W
29.4VDC
2.0A
Manufacturer’s note: ED1048-12M is a 3 stage charger
With Fast charge—Timer--- Float charge IC controlled, details
see next page.
EMI:
Meet FCC Class B and
CISPR 22 Class B
Safety:
UL2601 /CE(EN60601-1-1)
Feature:
Universal Input 100V to 240VAC
IEC Socket C14 Input
3-stage Lead Acid Battery Charger with timer
Medical Approva1
Environmental :
Operating Temperature:
0 deg. C to 40 deg. C
Storage Temperature:
-20 deg. C to 80 deg.C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com