Electronic Components Datasheet Search
  English  ▼

X  

AP7215 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # AP7215
Description  Bobbintron Electrical Corporation
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AP7215 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button AP7215 Datasheet HTML 9Page - List of Unclassifed Manufacturers AP7215 Datasheet HTML 10Page - List of Unclassifed Manufacturers AP7215 Datasheet HTML 11Page - List of Unclassifed Manufacturers AP7215 Datasheet HTML 12Page - List of Unclassifed Manufacturers AP7215 Datasheet HTML 13Page - List of Unclassifed Manufacturers AP7215 Datasheet HTML 14Page - List of Unclassifed Manufacturers AP7215 Datasheet HTML 15Page - List of Unclassifed Manufacturers AP7215 Datasheet HTML 16Page - List of Unclassifed Manufacturers AP7215 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
http://www.bobbintron.com
BOBBINTRON ELECTRICAL CORPORATION
bec
Model#ED1048-12M
Fast charge:Max. 4Amp(3-Stage charger for Lead Acid/Li-Ion Battery)
• 3-step charge control with timer
• Switch mode
• Universal input voltage (90-264 VAC)
• LED indicator with three colors
• 3-pin IEC 320 mains connector
• Medical approved (EN 60601)
• UL Medical approved (UL 2601-1)
• Mains cord not included
Input voltage 90 - 264 VAC
Charge voltage • Timer 14,7 V ± 0,2 • Float 13,8 V ± 0,3 Max. output power 60 W
Load regulation < 200 mV
Line regulation < 100 mV
Switch frequency, approx. 40 kHz
Leakage current with mains disconnected < 100 uA < 200 uA
Temperature range -10 - +40 °C
Ripple < 100 mV p-p
(ved 100% last) Efficiency (at 100% load) > 81 %
Current limit 4 A ± 0,3 2 A ± 0,2
Protection / Mains fuse
Automatically resettable fuse protects the charger against wrong polarity.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com