Electronic Components Datasheet Search
  English  ▼

X  

PM880 Datasheet(PDF) 4 Page - General Electric Company

Part # PM880
Description  PM880 Panametrics Portable Hygrometer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GEC [General Electric Company]
Direct Link  http://www.ge.com
Logo GEC - General Electric Company

PM880 Datasheet(HTML) 4 Page - General Electric Company

  PM880 Datasheet HTML 1Page - General Electric Company PM880 Datasheet HTML 2Page - General Electric Company PM880 Datasheet HTML 3Page - General Electric Company PM880 Datasheet HTML 4Page - General Electric Company  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
© 2013 General Electric Company. All Rights Reserved. Specifications are subject to change without notice. GE is a registered trademark of General Electric Company. Other company or product
names mentioned in this document may be trademarks or registered trademarks of their respective companies, which are not affiliated with GE.
www.ge-mcs.com
920-007H
Moisture Measurement
Compatibility
Compatible with all GE aluminum oxide moisture probes:
M Series, TF Series, and Moisture Image Series. Each
probe type requires a different type of I/O cable.
Calibration
GE moisture sensors are computer-calibrated to National
Institute of Standards and Technology (NIST) traceable
moisture concentrations.
Dew/Frost Point Temperature
Overall Calibration Range Capability
-166°F to 140°F (–110°C to 60°C)
Calibration Range Options
• Standard: 68°F to -112°F (20°C to –80°C) with data to
-166°F (–110°C)
• Ultralow: -58°F to -166°F (–50°C to –110°C)
• Extended high: 140°F to -112°F (60°C to –80°C) with
data to -166°F (–110°C)
Accuracy
• ±3.6°F (±2°C) from 140°F to -85°F (60°C to –65°C)
• ±5.4°F (±3°C) from -85°F to -166°F (–65°C to –110°C)
Repeatability
• ±0.9°F (±0.5°C) from 110°F to -85°F (60°C to –65°C)
• ±1.8°F (±1.0°C) from -86°F to -166°F (–66°C to –110°C)
Operating Pressure
5 µ of Hg to 5000 psig (345 bar) limited by pressure
sensor—see pressure measurement specifications
Temperature Measurement
Optional thermistor available for all GE moisture probes
Range
–22°F to 158°F (–30°C to 70°C)
Accuracy
±0.9°F (±0.5°C) at -22°F (–30°C)
Pressure Measurement
Optional pressure sensor available for TF Series and
Moisture Image Series moisture probes
Ranges
• 30 to 300 psig (3 to 21 bar)
• 50 to 500 psig (4 to 35 bar)
• 100 to 1000 psig (7 to 69 bar)
• 300 to 3000 psig (21 to 207 bar)
• 500 to 5000 psig (35 to 345 bar)
Accuracy
±1% at full scale
Proof Pressure
Three times span of available range up to maximum
7500 psig (518 bar)
Sample System
The SS880A standard sample system comprises an inlet
needle valve, a built-in coalescing filter and sample cell
with a bypass needle valve and venting tube, a pressure
gauge (various ranges), and an outlet needle valve with
venting tube.
Wetted Parts
316 SS
Operating Pressure
Configurations available for 300, 500, 1000, 2000, or
3000 psig (21, 35, 69, 207, or 345 bar), dependent on
pressure gauge)
Maximum Pressure Rating
• Standard: 3000 psig (207 bar)
• Optional: 5000 psig (345 bar)
Other Options
• Inlet pressure regulator, 0 to 500 psig (1 to 345 bar)
outlet
• Armored flowmeter, 1.3 to 13 SCFH
• 10-ft (3-m), flexible, polytetrafluoroethylene-lined,
braided–stainless steel hose with 1/4-inch tube
connections. Not recommended for dew point
temperatures below –103°F (–75°C).



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com