Electronic Components Datasheet Search
  English  ▼

X  

16003AB Datasheet(PDF) 2 Page - Dialight Corporation

Part # 16003AB
Description  LED Bus Lighting
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

16003AB Datasheet(HTML) 2 Page - Dialight Corporation

  16003AB Datasheet HTML 1Page - Dialight Corporation 16003AB Datasheet HTML 2Page - Dialight Corporation 16003AB Datasheet HTML 3Page - Dialight Corporation 16003AB Datasheet HTML 4Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MARKER LAMPS FOR BUS APPLICATIONS
13 Series
Fig. 1
16 Series
Fig. 3
17 Series Flange
Fig. 5
18 Series
Fig. 6
17 Series
Fig. 4
15 Series
Fig. 2
Smallest LED lamp available
Low current draw
Includes mounting gasket
Surface mount
Branch deflector available
Available in 12V and 24V
2” Round
Fits industry standard grommets
Surface mount adapter available
L bracket available
Available in 12V and 24V
2 1/2” Round
Fits industry standard grommets
Surface mount adapter available
L bracket available
Available in 12V and 24V
2 1/2” Round Lens
Flange mounted
Available in 12V and 24V
Surface mount
0o to 30o mounting
Includes mounting gasket/screws
Branch deflector available
Available in 12V and 24V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com