Electronic Components Datasheet Search
  English  ▼

X  

MBP200BTSD Datasheet(PDF) 3 Page - Eaton All Rights Reserved.

Part # MBP200BTSD
Description  Cutler- Hammer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

MBP200BTSD Datasheet(HTML) 3 Page - Eaton All Rights Reserved.

  MBP200BTSD Datasheet HTML 1Page - Eaton All Rights Reserved. MBP200BTSD Datasheet HTML 2Page - Eaton All Rights Reserved. MBP200BTSD Datasheet HTML 3Page - Eaton All Rights Reserved. MBP200BTSD Datasheet HTML 4Page - Eaton All Rights Reserved. MBP200BTSD Datasheet HTML 5Page - Eaton All Rights Reserved. MBP200BTSD Datasheet HTML 6Page - Eaton All Rights Reserved. MBP200BTSD Datasheet HTML 7Page - Eaton All Rights Reserved. MBP200BTSD Datasheet HTML 8Page - Eaton All Rights Reserved. MBP200BTSD Datasheet HTML 9Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
TD00502001E
For more information visit: www.cutler-hammer.eaton.com
Technical Data
Effective: April 2002
Page 3
Meter Breakers
Product Selection
Table 1. Combination Service Entrance Devices (Non-EUSERC)
See Table 5 on Page 5 for box details.
Per installed main breaker rating.
Provision for main is provided. WMB style devices accept Main Breaker style BR, 2-Pole.
When a provision for main is provided, order one of the main breakers listed in Table 2.
All panels are dual labeled to accept Types BW or CSR Main Breakers.
MCBK225 lug kit is needed for load side cable connection for Meter Mains. Please order separately.
When a provision for main is provided, order one of the main breakers listed in this table.
All panels are dual labeled to accept Types BW, BWH and CSR Main Breakers.
Panels are specifically designed for the Georgia Power Service Territory, but may be used in any
service territory that has the same design requirements.
Copper bus.
One-piece cover on utility side, Florida approved.
Single cover design.
Will accept maximum four 1-pole, two 2-pole, or two quad breakers.
Refer to drawing 96-5500.
Units come with feed-through lugs.
Ampere
Rating
Bypass
Service
kAIC Jaws Distribution
Main
Branch
Breaker
Type
Dimensions
& Enclosure
Shape
Wiring
Knockout
Catalog
Number
Page Figure Page Figure
Ring Style Meter Mains (no distribution section included)
100
150
150
None
None
None
OH
OH/UG
OH/UG
10
22
4
4
4
None
None
None
Provision
CSR2150
CSR2150
None
None
None
8
13
3
N/A
13
7
N/A
31
5
N/A
18
15
N/A
44
39
WMB102RN
MBB150BTSCR
CMBB150BTS
200
200
200
200
None
None
None
None
OH/UG
OH/UG
OH/UG
OH/UG
10
22
4
4
4
4
None
None
None
None
CSR2200
Provision
Provision
CSR2200
None
None
None
None
13
13
3
3
13
13
7
7
31
31
5
5
18
18
15
15
44
44
39
39
MBB200BTSCR
MBP200BTSCR
CMBP200BTS
CMBB200BTS
Ringless Meter Mains (no distribution section included)
150
200
200
None
None
None
OH/UG
OH/UG
OH/UG
10
10
10
4
4
4
None
None
None
CSR2150
CSR2200
CSR2200
None
None
None
13
9
13
13
13
13
31
32
31
18
18
18
44
43
44
MBB150BTSC
MBB200BTS
MBB200BTSC
200
200
200
None
Horn
Horn
OH/UG
OH/UG
OH/UG
4
5
5
None
None
None
Provision
Provision
Provision
None
None
None
9
11
9
13
13
13
32
32
32
18
18
18
43
43
43
MBP200BTS
MBP200SD
MBP200BTSD
Ring Style All-In-Ones (includes distribution section)
125
125
125
None
None
None
OH/UG
OH/UG
OH/UG
4
4
4
2/4
None — Refer
to Distribution
BR
BR
CH
1
1
2
7
—
—
7
—
—
15
—
—
39
WMB1224SCN
WMB1224SCR
CMB24L125BTS
150
150
None
None
OH/UG
UG
22
22
4
4
8
32/42
CSR2150
CSR2150
CH
CH
3
7
7
6
6
2
15
14
39
37
CMB88B150BTS
CMB3242B150BS
200
200
200
200
200
None
None
None
None
None
OH/UG
OH/UG
UG
OH/UG
OH/UG
10
22
22
4
4
4
4
4
4/8
8
32/42
6 – 2 Pole
6 – 2 Pole
BW2200
CSR2200
CSR2200
Main Lugs
Main Lugs
BR
CH
CH
BR
BR
3
3
7
3
3
9
7
6
10
10
16
6
2
22
22
15
15
14
14
14
39
39
37
37
36
MB48B200BTS
CMB88B200BTS
CMB3242B200BS
MBE1212L200BTS
MBE1212L200BTF
Ringless All-In-Ones (includes distribution section)
200
200
200
None
None
None
OH/UG
OH/UG
OH/UG
10
10
4
4
4
8/16
8/16
8/16
BW2200
BW2200
Provision
BR
BR
BR
10
10
10
13
13
13
33
33
33
18
18
18
43
43
43
MB816B200BTS
MB816B200BTSCU
MB816P200BTS
200
200
200
200
200
None
Horn
Horn
Horn
None
OH/UG
OH/UG
OH/UG
OH/UG
OH/UG
10
4
5
5
5
4
8/16
8/16
8/16
8/16
12/12
Provision
Provision
Provision
Provision
CSR2000
BR
BR
BR
BR
CH
10
11
10
10
10
13
13
13
13
11
33
33
33
33
25
18
18
18
18
16
43
43
43
43
41
MB816P200BTSCU
MB816P200STD
MB816P200BTSD
MB816P200BTSCUD
CMB1212B200BTS
200
200
200
Horn
None
Horn
OH/UG
OH/UG
OH/UG
22
5
4
5
12/12
6 – 2 Pole
6 – 2 Pole
CSR2200
Main Lugs
Main Lugs
CH
CH
CH
10
9
9
11
11
11
25
28
28
16
16
16
41
41
41
CMB1212B200BTSD
CMB1212L200BTS
CMB1212L200BTSD
200
200
200
200
None
Horn
None
None
OH/UG
OH/UG
OH/UG
OH/UG
22
4
5
4
4
12/12
12/12
6 – 2 Pole
24/24
Provision
Provision
Main Lugs
CSR2200
CH
CH
BR
CH
10
10
9
10
11
11
11
11
24
24
26
27
16
16
16
18
41
41
41
44
CMB1212P200BTS
CMB1212P200BTSD
MB1212L200BTS
CMB2424B200BTS
200
200
200
200
200
Horn
None
None
Horn
Horn
OH/UG
OH/UG
OH/UG
OH/UG
OH/UG
10
5
4
4
5
5
6 – 2 Pole
20/40
20/40
20/40
20/40
Main Lugs
BW2200
Provision
Provision
Provision
BR
BR
BR
BR
BR
9
10
10
11
10
11
13
13
13
13
26
34
34
34
34
16
18
18
18
18
41
43
43
43
43
MB1212L200BTSD
MB2040B200BTS
MB2040P200BTS
MB2040P200SD
MB2040P200BTSD
Table 2. Main Breaker Selection Chart
When a provision for main is provided,
order one of the main breakers listed in this
table. All panels are dual labeled to accept
Types BW, BWH and CSR Main Breakers.
Maximum
Ampere
Rating
2-Pole Breaker Catalog Numbers
10 kAIC
22 kAIC
22 kAIC
125
150
200
BW2125
BW2150
BW2200
BWH2125
BWH2150
BWH2200
CSR2125N
CSR2150N
CSR2200N
Load Side Lug Kit for BW
and CSR Breakers
MCBK225



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com