Electronic Components Datasheet Search
  English  ▼

X  

1SS201 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 1SS201
Description  SUPER HIGH SPEED SWITCHING DIODE SPECIAL DESIGN FOR PROTECTING SOLAR BATTERY
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

1SS201 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  1SS201 Datasheet HTML 1Page - List of Unclassifed Manufacturers 1SS201 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1SS101 THUR 1SS301
SUPER HIGH SPEED SWITCHING DIODE
FEATURES
MECHANICAL DATA
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Case: JEDEC R-1 molded plastic body
Polarity: color band denotes cathode end
Mounting Position: Any
Weight: 0.0063ounce, 0.18 gram
(Ratings at 25 C ambient temperature unless otherwise specified ,Single phase ,half wave ,resistive or inductive
load. For capacitive load,derate by 20%.)
Maximum repetitive peak reverse voltage
24
28
40
48
VRRM
VRSM
Volts
Volts
Volts
Volts
Volts
m
A
P
F
Amp
Amps
VRMS
VDC
I(AV)
IFSM
TSTG
VF
IR
CJ
TJ
R JA
R JL
Maximum RMS voltage
Maximum DC blocking voltage
Maximum non-repetitive peak reverse voltage
Maximum average forward rectified
current 0.375"(9.5mm)lead length at
TL=90 C
Maximum instantaneous forward voltage at 1mA
200mA
T =25 C
T =100 C
A
A
Typical thermal resistance
Typical junction capacitance
Operating junction and storage temperature range
Maximum instantaneous reverse
current at rated DC blocking
voltage)
Peak forward surge current 8.3ms single half
sine-wave superimposed on rated load
(JEDEC method) at
TL=70 C
Symbols
Units
0.5
5.0
-65 to +125
50.0
15.0
0.01
1.0
10.0
C/W
C
1SS101
1SS201
1SS301
30
14
21
20
30
20
40
36
0.20
R-1
Dimensions in inches and (millimeters)
For general purpose applications
These diodes features very low turn-on voltage and fastswitching. These devices are
protected by a Pnjunction guard ring against excessive voltage, such as electrostatic
discharges.
APPLICATIONS
High speed switch circuit
IC polarity protection
Solar battery polarity protection
Small signal rectifier
SPECIAL DESIGN FOR PROTECTING SOLAR BATTERY
0.35
XIN SEMICONDUCTOR
ISO9002


Similar Part No. - 1SS201

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
1SS201 TOSHIBA-1SS201 Datasheet
125Kb / 2P
DIODE (ULTRA HIGH SPEED SWITCHING APPLICATION)
07-May-1997
1SS201 TOSHIBA-1SS201 Datasheet
193Kb / 3P
Ultra High Speed Switching Application
01-Nov-2007
1SS201 TOSHIBA-1SS201_07 Datasheet
193Kb / 3P
Ultra High Speed Switching Application
01-Nov-2007
More results

Similar Description - 1SS201

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BAL99 SIEMENS-BAL99 Datasheet
97Kb / 4P
Silicon Switching Diode (For high-speed switching)
BAR74 SIEMENS-BAR74 Datasheet
107Kb / 4P
Silicon Switching Diode (For high-speed switching)
BAR99 SIEMENS-BAR99 Datasheet
96Kb / 4P
Silicon Switching Diode (For high-speed switching)
BAS16 SIEMENS-BAS16 Datasheet
97Kb / 4P
Silicon Switching Diode (For high-speed switching)
BAV70 SIEMENS-BAV70 Datasheet
97Kb / 4P
Silicon Switching Diode Array (For high-speed switchingFor high-speed switching)
logo
Central Semiconductor C...
CMSD4448 CENTRAL-CMSD4448 Datasheet
92Kb / 2P
SUPER-MINI HIGH SPEED SWITCHING DIODE
logo
DONGGUAN YOU FENG WEI E...
MUR105 YFWDIODE-MUR105 Datasheet
81Kb / 3P
Super Fast Switching Speed For High Efficiency
logo
Abracon Corporation
ASPI0804T ABRACON-ASPI0804T Datasheet
1Mb / 2P
Special design lead wire for high isolation
10.21.11
logo
WALSIN TECHNOLOGY CORPO...
WK25V WALSIN-WK25V Datasheet
225Kb / 8P
Special material and design for high working voltage require
WK25V_J WALSIN-WK25V_J Datasheet
381Kb / 8P
Special material and design for high working voltage require
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com