Electronic Components Datasheet Search
  English  ▼

X  

CC2430 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # CC2430
Description  A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee-TM
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2430 Datasheet(HTML) 10 Page - Texas Instruments

Back Button CC2430 Datasheet HTML 6Page - Texas Instruments CC2430 Datasheet HTML 7Page - Texas Instruments CC2430 Datasheet HTML 8Page - Texas Instruments CC2430 Datasheet HTML 9Page - Texas Instruments CC2430 Datasheet HTML 10Page - Texas Instruments CC2430 Datasheet HTML 11Page - Texas Instruments CC2430 Datasheet HTML 12Page - Texas Instruments CC2430 Datasheet HTML 13Page - Texas Instruments CC2430 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 234 page
background image
CC2430
CC2430 PRELIMINARY Data Sheet (rev. 1.03) SWRS036A
Page 10 of 232
4
Features (continued from front page)
4.1
High-Performance and Low-Power
8051-Compatible Microcontroller
• Optimized 8051 core, which typically gives
8x the performance of a standard 8051
• Dual data pointers
• In-circuit interactive debugging is supported
for the IAR Embedded Workbench through
a simple two-wire serial interface
4.2
Up to 128 KB Non-volatile Program
Memory and 2 x 4 KB Data Memory
•
32/64/128 KB of non-volatile flash memory
in-system programmable through a simple
two-wire interface or by the 8051 core
•
Worst-case flash memory endurance:
1000 write/erase cycles.
•
Programmable read and write lock of
portions of Flash memory for software
security
•
4096 bytes of internal SRAM with data
retention in all power modes.
•
Additional 4096 bytes of internal SRAM
with data retention in power modes 0 and
1.
4.3
Hardware AES Encryption/Decryption
•
AES supported in hardware coprocessor
4.4
Peripheral Features
•
Powerful DMA Controller
•
Power On Reset/Brown-Out Detection
•
Eight channel, 8-14 bit ADC
•
Programmable watchdog timer
•
Real time clock with 32.768 kHz crystal
oscillator
•
Four timers: one general 16-bit timer, two
general 8-bit timers, one MAC timer
•
Two
programmable
USARTs
for
master/slave SPI or UART operation
•
21 configurable general-purpose digital
I/O-pins
•
True random number generator
4.5
Low Power
•
Four flexible power modes for reduced
power consumption
•
System can wake up on external interrupt
or real-time counter event
•
Low-power fully static CMOS design
•
System clock source can be 16 MHz RC
oscillator or 32 MHz crystal oscillator. The
32 MHz oscillator is used when radio is
active.
•
Optional clock source for ultra-low power
operation can be either low-power RC
oscillator or an optional 32.768 kHz crystal
oscillator.
4.6
802.15.4 MAC hardware support
•
Automatic preamble generator
•
Synchronization word insertion/detection
•
CRC-16 computation and checking over
the MAC payload
•
Clear Channel Assessment
•
Energy detection / digital RSSI
•
Link Quality Indication
•
CSMA/CA Coprocessor
4.7
Integrated 2.4GHz DSSS Digital Radio
•
2.4 GHz IEEE 802.15.4 compliant RF
transceiver (based on industry leading
CC2420 radio core).
•
Excellent
receiver
sensitivity
and
robustness to interferers
•
250 kbps data rate, 2 MChip/s chip rate
•
Complies with worldwide radio frequency
regulations covered by ETSI EN 300 328
and EN 300 440 class 2 (Europe), FCC
CFR47 Part 15 (US) and ARIB STD-T66
(Japan).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com