Electronic Components Datasheet Search
  English  ▼

X  

AD5290EVAL Datasheet(PDF) 3 Page - Analog Devices

Part # AD5290EVAL
Description  Compact 30V/짹15V 256-Position Digital Potentiometer
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5290EVAL Datasheet(HTML) 3 Page - Analog Devices

  AD5290EVAL Datasheet HTML 1Page - Analog Devices AD5290EVAL Datasheet HTML 2Page - Analog Devices AD5290EVAL Datasheet HTML 3Page - Analog Devices AD5290EVAL Datasheet HTML 4Page - Analog Devices AD5290EVAL Datasheet HTML 5Page - Analog Devices AD5290EVAL Datasheet HTML 6Page - Analog Devices AD5290EVAL Datasheet HTML 7Page - Analog Devices AD5290EVAL Datasheet HTML 8Page - Analog Devices AD5290EVAL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Preliminary Technical Data
AD5290
Rev. Pr C | Page 3 of 11
Total Harmonic Distortion
THDW
VA =1 V rms, VB = 0 V,
f = 1 kHz, RAB = 10 kΩ
0.05
%
VW Settling Time (10 kΩ/50 kΩ/100 kΩ)
tS
VA = 5 V, VB = 0 V,
±1 LSB error band
4
µs
Resistor Noise Voltage Density
eN_WB
RWB = 25 kΩ
14
nV/√Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com