Electronic Components Datasheet Search
  English  ▼

X  

CS1013 Datasheet(PDF) 23 Page - List of Unclassifed Manufacturers

Part # CS1013
Description  MAGNETIC POWDER CORES
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CS1013 Datasheet(HTML) 23 Page - List of Unclassifed Manufacturers

Back Button CS1013 Datasheet HTML 19Page - List of Unclassifed Manufacturers CS1013 Datasheet HTML 20Page - List of Unclassifed Manufacturers CS1013 Datasheet HTML 21Page - List of Unclassifed Manufacturers CS1013 Datasheet HTML 22Page - List of Unclassifed Manufacturers CS1013 Datasheet HTML 23Page - List of Unclassifed Manufacturers CS1013 Datasheet HTML 24Page - List of Unclassifed Manufacturers CS1013 Datasheet HTML 25Page - List of Unclassifed Manufacturers CS1013 Datasheet HTML 26Page - List of Unclassifed Manufacturers CS1013 Datasheet HTML 27Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 42 page
background image
Magnetic Powder Cores :::
44
43 ::: Chang Sung Corporation
OD330
Core Dimensions
OD(max)
ID(min)
HT(max)
Before coating
(mm)
33.02
19.94
10.67
(inch)
1.300
0.785
0.420
After coating
(mm)
33.83
19.30
11.61
(Epoxy)
(inch)
1.332
0.760
0.457
Magnetic Dimensions
Cross Section
Path Length
Window Area
Volume
(A)
( )
(Wa)
(V)
00.672cm2
8.15cm
2.93cm2
5.4768cm3
0.1042in2
3.21in
577,600cmil
0.3345in3
Winding Information
Single layer winding with 1 inch leads
AWG Wire
Single Layer
AWG Wire
Single Layer
No. Dia(cm)
Turn Rdc,
No. Dia(cm)
Turn Rdc,
12
13
14
15
16
17
18
19
20
0.213
0.190
0.171
0.153
0.137
0.122
0.109
0.0980
0.0879
23
26
29
32
37
41
46
52
58
0.00517
0.00722
0.0100
0.0140
0.0197
0.0274
0.0384
0.0538
0.0750
21
22
23
24
25
26
27
28
29
0.0785
0.0701
0.0632
0.0566
0.0505
0.0452
0.0409
0.0366
0.0330
66
74
82
92
103
115
128
143
159
0.105
0.148
0.206
0.289
0.406
0.572
0.794
1.12
1.54
Available Cores
Part No.
MPP
High Flux
Sendust
Mega Flux
Perm.
(μ)
AL
(nH/N2)
CM330026
CM330060
-
-
CM330125
CM330147
CM330160
CM330173
-
CH330026
CH330060
-
-
CH330125
CH330147
CH330160
-
-
CS330026
CS330060
CS330075
CS330090
CS330125
-
-
-
-
CK330026
CK330060
CK330075
CK330090
-
-
-
-
-
28
61
76
91
127
150
163
176
203
26
60
75
90
125
147
160
173
200
ID 19.94mm
HT 10.67mm
OD 33.02mm / 1.300inches
AL vs NI Curve (60μ, 125μ)
OD270
Core Dimensions
OD(max)
ID(min)
HT(max)
Before coating
(mm)
26.92
14.73
11.18
(inch)
1.060
0.580
0.440
After coating
(mm)
27.70
14.10
11.99
(Epoxy)
(inch)
1.090
0.555
0.472
Magnetic Dimensions
Cross Section
Path Length
Window Area
Volume
(A)
( )
(Wa)
(V)
0.654cm2
6.35cm
1.56cm2
4.154cm3
0.1014in2
2.50in
308,000cmil
0.2536in3
Winding Information
Single layer winding with 1 inch leads
AWG Wire
Single Layer
AWG Wire
Single Layer
No. Dia(cm)
Turn Rdc,
No. Dia(cm)
Turn Rdc,
12
13
14
15
16
17
18
19
20
0.213
0.190
0.171
0.153
0.137
0.122
0.109
0.0980
0.0879
16
18
20
23
26
29
33
37
42
0.00367
0.00514
0.00715
0.0100
0.0141
0.0197
0.0276
0.0387
0.0541
21
22
23
24
25
26
27
28
29
0.0785
0.0701
0.0632
0.0566
0.0505
0.0452
0.0409
0.0366
0.0330
47
53
59
66
74
83
93
104
115
0.0759
0.107
0.149
0.209
0.294
0.414
0.575
0.812
1.11
Available Cores
Part No.
MPP
High Flux
Sendust
Mega Flux
Perm.
(μ)
AL
(nH/N2)
CM270026
CM270060
-
-
CM270125
CM270147
CM270160
CM270173
CM270200
CH270026
CH270060
-
-
CH270125
CH270147
CH270160
-
-
CS270026
CS270060
CS270075
CS270090
CS270125
-
-
-
-
CK270026
CK270060
CK270075
CK270090
-
-
-
-
-
32
75
94
113
157
185
201
217
251
26
60
75
90
125
147
160
173
200
ID 14.73mm
HT 11.18mm
AL vs NI Curve (60μ, 125μ)
OD 26.92mm / 1.060inches



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com