Electronic Components Datasheet Search
  English  ▼

X  

TDS5000B Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # TDS5000B
Description  Digital Phosphor Oscilloscopes
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

TDS5000B Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button TDS5000B Datasheet HTML 4Page - List of Unclassifed Manufacturers TDS5000B Datasheet HTML 5Page - List of Unclassifed Manufacturers TDS5000B Datasheet HTML 6Page - List of Unclassifed Manufacturers TDS5000B Datasheet HTML 7Page - List of Unclassifed Manufacturers TDS5000B Datasheet HTML 8Page - List of Unclassifed Manufacturers TDS5000B Datasheet HTML 9Page - List of Unclassifed Manufacturers TDS5000B Datasheet HTML 10Page - List of Unclassifed Manufacturers TDS5000B Datasheet HTML 11Page - List of Unclassifed Manufacturers TDS5000B Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Oscilloscopes • www.tektronix.com/tds5000b
9
Digital Phosphor Oscilloscopes
TDS5000B Series
Measurement Statistics – Mean, Min, Max,
Standard Deviation, Population.
Reference Levels – User definable for each of
the eight measurements.
Histograms – Vertical or horizontal with linear or
log scaling.
Gating – Isolate the specific occurrence within
an acquisition to take measurements on.
Cursors – Horizontal Bars, Vertical Bars, Waveform,
and Screen.
Waveform Processing/Math
Arithmetic – Add, subtract, multiply, and divide
waveforms.
Algebraic Expressions – Define extensive
algebraic expressions including waveforms,
scalars, user adjustable variables, and
results of parametric measurements e.g.
(Integral (Ch1-Mean(Ch1))*1.414*VAR1).
Math Functions – Average, Invert, Integrate,
Differentiate, Square Root, Exponential, Log 10,
Log e, Abs, Ceiling, Floor, Min, Max, Sin, Cos, Tan,
ASin, ACos, ATan, Sinh, Cosh, Tanh.
Frequency Domain Functions – Spectral
magnitude and phase, real and imaginary spectra.
Vertical Units – Magnitude: Linear, dB, dBm.
Phase: degrees, radians, group delay.
Window Functions – Rectangular, Hamming,
Hanning, Kaiser-Bessel, Blackman-Harris,
Gaussian, Flattop2, Tek Exponential.
Limit Testing – Compare live waveforms against
a known “golden” reference waveform with user
defined vertical and horizontal tolerances.
Display Characteristics
Display Type – 10.4 in. Liquid crystal active-matrix
color display.
Display Resolution – 640 horizontal x
480 vertical pixels.
Waveform Styles – Vectors, Dots, Intensified
Samples, Variable Persistence, Infinite Persistence.
Display Format – YT, XY, XYZ.
Color Palettes – Individual color palettes for
Record View and FastAcq/WfmDB modes include
Normal, Green, Gray, Temperature, Spectral, and
User Defined.
Computer System
and Peripherals
Operating System – Windows 2000.
CPU – Intel Celeron Processor, 2.0 GHz.
PC System Memory – 512 MB.
Internal Hard Disk Drive –
≥80 GB capacity.
Front Removable Hard Disk Drive (optional) –
≥40 GB capacity.
Floppy Disk Drive – Front panel 3.5 in floppy disk
drive, 1.44 MB capacity.
CD-RW Drive – Side panel CD-RW drive,
≥24X
read and write speed.
Printer (optional) – Built-in thermal printer.
Mouse – Optical wheel mouse, USB interface.
OpenChoice
® Features
TekVISA™ – Application Programmers Interface (API)
for Windows developers. Documentation includes
descriptions and samples of programming test and
measurement applications on the unit in Visual
BASIC, C and C++.
TekVISA Control (TVC) – Active controls to make
access to TekVISA easy for integration into
Microsoft Windows applications.
VXI-11 Server – An Application Programmers
Interface (API) for LAN connectivity from
non-Windows environments.
Plug-and-Play Drivers – Provides support to run
National Instrument’s LabVIEW and LabWindows
on an external PC connected to a TDS5000B
Series or on the oscilloscope itself.
IVI Drivers – Provides support for new and existing
program environments utilizing the IVI instrumenta-
tion standard, such as LabVIEW, LabWindows/CVI,
MATLAB, Visual BASIC, and C/C++.
Excel and Word Toolbars – Provides direct access
to screen images, waveform data, and measure-
ments on the oscilloscope from a toolbar in Excel
and/or Word.
Report Generator – Enables the ability to design
and create customized report templates that
extract the oscilloscope’s waveforms, settings,
measurements, and other on-screen information
with a click of the mouse.
LabVIEW and MATLAB – 30 day evaluation copies
plus non-expiring demo programs that perform
a variety of LabVIEW and MATLAB display and
analysis functions with the oscilloscope.
Software Developer’s Kit (SDK) – A CD is
included in the Getting Started With OpenChoice®
book. This SDK includes a wealth of documenta-
tion, programming tools, and examples to assist
programmers working with the TDS5000B Series.
Input/Output Ports
Auxiliary Input – Front panel BNC connector.
Trigger level range is adjustable from +8 V to –8 V.
The maximum input voltage is ±20 V (DC + peak
AC) and input resistance is
≥1.5 kΩ.
Probe Compensator Output – Front panel pins.
Amplitude 1 V ± 1% into a
≥10 kΩ load,
frequency 1 kHz ±5%.
Analog Signal Output – Rear-panel BNC
connector, provides a buffered version of the signal
that is attached to the Channel 3 input (4 channel
models only). Amplitude: 50 mV/div ±20% into a
1 M
Ω load, 25 mV/div ±20% into a 50 Ω load.
Bandwidth (typical): 100 MHz into a 50
Ω load.
Auxiliary Output Levels – Rear-panel BNC
connector, provides a TTL-compatible, negative
polarity pulse when the oscilloscope triggers.
External Reference In – Rear-panel BNC
connector. 9.8 MHz to 10.2 MHz.
Parallel Port – IEEE 1284, DB-25 connector.
Audio Ports – Miniature phone jacks for stereo
microphone input and stereo line output.
USB Port – Four USB 2.0 ports allow connection
or disconnection of USB keyboard and/or mouse
while oscilloscope power is on.
Keyboard Port – PS-2 compatible.
Mouse Port – PS-2 compatible.
LAN Port – RJ-45 connector, supports 10Base-T
and 100Base-T.
Serial Port – DB-9 COM1 port.
Video Port – DB-15 female connector; connect a
second monitor to use dual-monitor display mode.
Supports basic requirements of PC99 specification
and display resolutions up to 1,920 x 1,440.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com