Electronic Components Datasheet Search
  English  ▼

X  

TC90-49 Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # TC90-49
Description  TUBUS-Series Type TC Profile Damper for Crane Equipment
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

TC90-49 Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  TC90-49 Datasheet HTML 1Page - ACE Technology Co., LTD. TC90-49 Datasheet HTML 2Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
The Profile Damper Type TC from
the innovative ACE TUBUS Series is
a maintenance free, self-contained
damping element made from a special
Co-Polyester Elastomer. They have
been specially developed for Crane
equipment applications and fulfill the
international Industry standards
OSHA and CMAA.
Many crane applications require a
spring rate with a high return force.
This is achieved with the unique Dual-
Profile Concept of the TC-S models.
For Energy-Management-Systems the
TC model types provide a cost effi-
cient solution with a high return force
capability.
The very small and light package size
from ø 64 mm up to ø 176 mm covers
an energy absorption capacity ranging
from 450 Nm up to 12 720 Nm/cycle.
The excellent resistance to UV, sea-
water chemical and microbe attack
together with the wide operating tem-
perature range from - 40°C to 90°C
enables a wide range of applications.
Life expectancy is extremely high;
up to twenty times longer than for
urethane dampers, up to ten times
longer than rubber buffers and up to
five times longer than steel springs.
Overload capacity: For emergency use only (1 cycle) it is
possible to exceed the W3 rating by +40%.
Environment: Resistant to oil, grease, seawater and to
microbe or chemical attack. Excellent UV and ozone resist-
ance. Material does not absorb water or swell.
Dynamic force range: 80 000 N to 978 000 N
Temperature range: -40°C to 90°C
Energy absorption:
31 % to 63 %
Material hardness rating:
Shore 55D
Mounting: in any position
Impact velocity range:
up to max. 5 m/s
Mounting screw torque:
M12:
85 Nm
M16: 210 Nm
On request: special strokes,
-characteristics, -spring rates,
-sizes and materials.
Calculation and selection
to be approved by ACE.
Mounting Screw
One-Piece
Profile Body
TUBUS-Series Type TC
Profile Damper for Crane Equipment
84
84


Similar Part No. - TC90-49

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC901 TELCOM-TC901 Datasheet
55Kb / 4P
MONOLITHIC, AUTO-ZEROED OPERATIONAL AMPLIFIER
logo
Microchip Technology
TC901 MICROCHIP-TC901 Datasheet
50Kb / 6P
Dual Auto-Zeroed Operational Amplifiers
2001
logo
Toshiba Semiconductor
TC90101FG TOSHIBA-TC90101FG Datasheet
393Kb / 36P
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
Version 4.2
TC90104AFG TOSHIBA-TC90104AFG Datasheet
750Kb / 16P
Multi System Video Decoder
TC90104FG TOSHIBA-TC90104FG Datasheet
879Kb / 18P
Multi System Video Decoder IC
More results

Similar Description - TC90-49

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
DMV STMICROELECTRONICS-DMV Datasheet
114Kb / 9P
DAMPER MODULATION DIODE FOR VIDEO
Insulated
logo
Toshiba Semiconductor
5VHZ52 TOSHIBA-5VHZ52 Datasheet
127Kb / 2P
SILICON DIFFUSED TYPE (MOST SUITABLE FOR COLOR T.V DAMPER)
logo
Sanken electric
FMP-G2FS SANKEN-FMP-G2FS Datasheet
49Kb / 2P
Damper Diodes (For Display)
FMV-G5FS SANKEN-FMV-G5FS Datasheet
22Kb / 1P
Damper Diodes (For TV)
RH10F SANKEN-RH10F Datasheet
26Kb / 1P
Damper Diodes (For TV)
RS3FS SANKEN-RS3FS Datasheet
20Kb / 1P
Damper Diodes (For TV)
RU4D SANKEN-RU4D Datasheet
23Kb / 1P
Damper Diodes (For Display)
logo
STMicroelectronics
DMV1500H STMICROELECTRONICS-DMV1500H Datasheet
86Kb / 8P
DAMPER MODULATION DIODE FOR VIDEO
07-Sep-2004
logo
Sanken electric
FMT-2FUR SANKEN-FMT-2FUR Datasheet
23Kb / 1P
Damper Diodes (Diode modulation Type)
logo
Fuji Electric
EDS12-46D FUJI-EDS12-46D Datasheet
285Kb / 8P
CYLINDER TYPE DAMPER DRIVER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com