Electronic Components Datasheet Search
  English  ▼

X  

TC136-65 Datasheet(PDF) 2 Page - ACE Technology Co., LTD.

Part # TC136-65
Description  TUBUS-Series Type TC Profile Damper for Crane Equipment
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

TC136-65 Datasheet(HTML) 2 Page - ACE Technology Co., LTD.

  TC136-65 Datasheet HTML 1Page - ACE Technology Co., LTD. TC136-65 Datasheet HTML 2Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Dimensions and Capacity Chart
*W3
max. Stroke
Weight
Type
Nm/cycle
mm
DL1
ML2
d1
d2
in kg
TC 64-62-S
450
62
64
12
M12
79
89
52
0.2
TC 74-76-S
980
76
74
12
M12
96
114
61
0.25
TC 83-73-S
1900
73
83
12
M12
94
127
69
0.3
TC 86-39
1210
39
86
12
M12
56
133
78
0.25
TC 90-49
1630
49
90
12
M12
68
124
67
0.25
TC 100-59
1770
59
100
12
M12
84
149
91
0.5
TC 102-63
1970
63
102
16
M16
98
140
82
0.5
TC 108-30
1900
30
108
12
M12
53
133
77
0.35
TC 117-97
3710
97
117
16
M16
129
188
100
1.0
TC 134-146-S
7290
146
134
16
M16
188
215
117
1.6
TC 136-65
4250
65
136
16
M16
106
178
106
1.1
TC 137-90
6350
90
137
16
M16
115
216
113
1.1
TC 146-67-S
8330
67
146
16
M16
118
191
99
1.5
TC 150-178-S
8860
178
150
16
M16
241
224
132
2.6
TC 153-178-S
7260
178
153
16
M16
226
241
131
2.3
TC 168-124
10100
124
168
16
M16
166
260
147
2.3
TC 176-198-S
12720
198
176
16
M16
252
279
150
3.6
* Max. Energy capacity per cycle for continuous use. For emergency use only (1 cycle) it is possible to exceed this rating by +40%.
d1
d2
D
L1
L2
max.
Hub
M
The calculation and selection of the required profile damper should be carried out or be approved by ACE.
Ordering Example
TC 83-73-S
TUBUS Crane Buffer
Outer-ø 83 mm
Stroke 73 mm
Model type soft
1800
1500
1200
900
600
300
0
Energy - Stroke Characteristic (dynamic)
(with impact velocity over 0.5 m/s)
10
15
20
25
30
35
40
Stroke (mm)
With the aid of the characteristic curves above you can estimate the proportion of the total energy that will be absorbed.
Example: With impact energy of 1300 Nm the Energy-Stroke diagram shows that a stroke of about 38 mm is needed. On the
Force-Stroke diagram you can estimate the proportion of absorbed energy to rebound energy at this stroke length.
Note: with these types the return force towards the end of the stroke is significant and we recommend you try to use a mini-
mum of 90 % of the total stroke available.
Dynamic (v > 0.5 m/s) and static (v <
– 0.5 m/s) characteristics of all types are available on request.
rebound stroke
energy
F
back
Characteristics of Type TC 90-49
450
400
350
300
250
200
150
100
50
0
Force - Stroke Characteristic (dynamic)
(with impact velocity over 0.5 m/s)
F
in
absorbed
energy
10
15
20
25
30
35
40
Stroke (mm)
Model type TC-S
Model type TC
TUBUS-Series Type TC
Profile Damper for Crane Equipment
Controls International · Tel 01925 227171 · Fax 01925 229323 · E-mail info@ace-controls.co.uk · Internet www.ace-controls.co.uk
85
85
Hub
max.
Stroke
d1
d2
D
L1
L2
Hub
M
max.
Stroke



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com