Electronic Components Datasheet Search
  English  ▼

X  

GE1LU032SS Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # GE1LU032SS
Description  GE RV park power equipment
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GE1LU032SS Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  GE1LU032SS Datasheet HTML 1Page - List of Unclassifed Manufacturers GE1LU032SS Datasheet HTML 2Page - List of Unclassifed Manufacturers GE1LU032SS Datasheet HTML 3Page - List of Unclassifed Manufacturers GE1LU032SS Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
GE RV Equipment
6PP Padmount
6EP Earth Burial
Cabinet Dimensions
9PP Padmount
9EP Earth Burial
Unmetered
Metered
A 65"
77-1/2"
B —
45-1/4"
C 19-1/8"
19-1/8"
D 9"
9"
E 3-1/2"*
3-1/2"*
F 18"
18"
G 6"
6"
Unmetered
Metered
A 65"
77-1/2"
B —
45-1/4"
C 19-1/8"
19-1/8"
D 9"
9“
E 3-1/2"*
3-1/2"*
F 18"
18"
G 6"
6"
Unmetered
A 62"
C 19-3/4"
D 6-1/2"
E 3-1/4"
F 18"
G 6"
Unmetered
A 36"
C 17-3/4"
D 6-1/2"
E 3-3/4"
Table W
Wire Range Tables
Connector
Copper
Aluminum
Solid
Strand Solid
Strand
Line-
Loop Feed
14-8
14-1/0 12-8
12-1/0
Load
14-10 14-10
—
—
Neutral-
Large Hole
12-8
12-1/0 10-8
10-1/0
Neutral-
Small Hole
14-8
14-4
12-8
12-4
Equip. Grnd.
12-8
12-2
12-8
12-2
Table P
Connector
Copper
Aluminum
Solid
Strand Solid
Strand
Line
14-8
14-1/0 12-8
12-1/0
Load
14-10 14-10
—
—
Neutral-
End Hole
14-8
14-2
12-8
12-2
Neutral-
Side Hole
14-8
14-4
12-8
12-4
Equip. Grnd.
12-8
12-2
12-8
12-2
Table S
Post Line Connectors
Suitable for Loop Feed
#6-350 KCMIL CU/AL
Equipment Ground
#12-2 CU/AL
Table T2
Post Line Connectors
Suitable for Loop Feed
#1-300 KCMIL CU/AL
Equipment Ground
#12-2 CU/AL
Table AA
Connector
Copper
Aluminum
Solid
Strand Solid
Strand
Line
—
6-1/0
—
6-1/0
Load
14-10 14-10
—
—
Neutral-
Large Hole
12-8
12-1/0 10-8
10-1/0
Neutral-
Small Hole
14-8
14-4
12-8
12-4
Equip. Grnd.
12-8
12-2
12-8
12-2
Information provided is subject to change without notice. Please verify all details with GE. All values are design or typical
values when measured under laboratory conditions, and GE makes no warranty or guarantee, express or implied, that
such performance will be obtained under end-use conditions.
GE Energy
41 Woodford Avenue, Plainville, CT 06062
www.geelectrical.com
© 2010 General Electric Company
imagination at work
DET-708A (09/10)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com