Electronic Components Datasheet Search
  English  ▼

X  

EE-SX950-C1J-R Datasheet(PDF) 6 Page - Omron Electronics LLC

Part # EE-SX950-C1J-R
Description  Ultra-compact Pre-wired Photomicrosensor (Non-modulated)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

EE-SX950-C1J-R Datasheet(HTML) 6 Page - Omron Electronics LLC

  EE-SX950-C1J-R Datasheet HTML 1Page - Omron Electronics LLC EE-SX950-C1J-R Datasheet HTML 2Page - Omron Electronics LLC EE-SX950-C1J-R Datasheet HTML 3Page - Omron Electronics LLC EE-SX950-C1J-R Datasheet HTML 4Page - Omron Electronics LLC EE-SX950-C1J-R Datasheet HTML 5Page - Omron Electronics LLC EE-SX950-C1J-R Datasheet HTML 6Page - Omron Electronics LLC EE-SX950-C1J-R Datasheet HTML 7Page - Omron Electronics LLC EE-SX950-C1J-R Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
EE-SX95
6
Dimensions
Tolerance class IT16 applies to dimensions in this datasheet unless otherwise specified.
Sensors
2
13.4
20
300
CD
B
A
Light indicator (red)
13.4
2.7
5
6.5
6.5
7.9
7.9
18.7
4.2
dia.
5
12
12
2.3
Two,
3.2 dia.
holes
Optical axis
3
6
23.9
Optical axis
Light indicator (red)
0.8
1.8
1.8
5.8
Sensing
window
6.5
7.9
2.7 5
12
(2.9)
3
6
1.8
8
8
(2)
-W: Round vinyl-insulated cable of 2.8
dia., 4 cores,(0.14 mm2 with 0.90-mm
dia. insulator); Standard length: 1 m
-R: Robot cable of 2.8 dia., 4 cores,
(0.15 mm2 with 0.92-mm dia. insulator);
Standard length: 1 m
EE-SX950-
@
EE-SX950P-
@
EE-SX950-C1J-R
EE-SX950-C1J-R
connector
Terminal Arrangement
A
Vcc
B
OUT2
C
GND(0 V)
D
OUT1
2
13.4
20
300
CD
B
A
(2)
Light indicator (red)
10
5
13.4
6.5
6.9
12
2.7
2
Optical axis
1.75
1.6
6
3
12
3.2
8
Optical axis
Light indicator (red)
1.8
0.8
1.25
6
4
7.9
Sensing
window
Light indicator (red)
(2.9)
-W: Round vinyl-insulated cable of 2.8
dia., 4 cores, (0.14 mm2 with 0.90-mm
dia. insulator);Standard length: 1 m
-R: Robot cable of 2.8 dia., 4 cores,
(0.15 mm2 with 0.92-mm dia.
insulator);Standard length: 1 m
EE-SX951-
@
EE-SX951P-
@
EE-SX951-C1J-R
EE-SX951-C1J-R
connector
Terminal Arrangement
A
Vcc
B
OUT2
C
GND(0 V)
D
OUT1
-W: Round vinyl-insulated cable of 2.8
dia., 4 cores,(0.14 mm2 with 0.90-mm
dia. insulator); Standard length: 1 m
-R: Robot cable of 2.8 dia., 4 cores,
(0.15 mm2 with 0.92-mm dia. insulator);
Standard length: 1 m
Light
indicator (red)
Optical axis
Sensing
window
Optical axis
Light
indicator (red)
*
7.9 6.5
12
2.3
8
(2)
2 dia.
1.8
5
3.2
6
13.4
5
2.7
4.2 dia.
1.5
3
0.8
1.6
1.95
6.2
11.7
4
6.7
(Radius:
1.6)
(2.9)
EE-SX952-
@
EE-SX952P-
@
EE-SX952-C1J-R
* The lug is used to prevent turning. When installing,
make a fixed hole of 2.1 to 2.3 mm dia.
2
13.4
20
300
CD
B
A
EE-SX952-C1J-R
connector
Terminal Arrangement
A
Vcc
B
OUT2
C
GND(0 V)
D
OUT1
Light
indicator
(red)
Sensing window
Optical axis
Optical axis
Light
indicator (red)
*
(2)
8
(2.9)
-W: Round vinyl-insulated cable of 2.8
dia., 4 cores, (0.14 mm2 with 0.90-mm
dia. insulator);Standard length: 1 m
-R: Robot cable of 2.8 dia., 4 cores,
(0.15 mm2 with 0.92-mm dia.
insulator);Standard length: 1 m
1.8
3.2
5
6.5 7.9
12
2.3
2 dia.
0.8
3
1.6
1.95
6.2
11.7
5
13.4
2.7
4.2 dia.
1.5
4
6.7
6
(Radius:
1.6)
EE-SX953-
@
EE-SX953P-
@
EE-SX953-C1J-R
* The lug is used to prevent turning. When installing,
make a fixed hole of 2.1 to 2.3 mm dia.
2
13.4
20
300
CD
B
A
EE-SX953-C1J-R
connector
Terminal Arrangement
A
Vcc
B
OUT2
C
GND(0 V)
D
OUT1
Light indicator
(red)
Optical axis
Optical axis
Light indicator (red)
Sensing
window
-W: Round vinyl-insulated cable of 2.8
dia., 4 cores, (0.14 mm2 with 0.90-mm
dia. insulator); Standard length: 1 m
-R: Robot cable of 2.8 dia., 4 cores,
(0.15 mm2 with 0.92-mm dia. insulator);
Standard length: 1 m
6.5
7.9
16
(2)
11.5
3
6
1.8
5
2.7
13.4
8
0.8
Two,
3.2 dia.
holes
(2.9)
EE-SX954-
@
EE-SX954P-
@
EE-SX954-C1J-R
2
13.4
20
300
CD
B
A
EE-SX954-C1J-R
connector
Terminal Arrangement
A
Vcc
B
OUT2
C
GND(0 V)
D
OUT1
A
B
C
D
Brown
White
Blue
Black
Terminal Arrangement
+
OUTPUT 2
−
OUTPUT 1
Robot cable of 2.8 dia., 4 cores,
(0.15 mm2 with 0.8-mm dia.insulator);
Standard length: 2 m
2
10
5.8
8
10
7
16
2,000
1
2
3
4
Accessories (Order Separately)
Connector with Robot Cable
EE-1016-R
Note: The Connector fits into a connector of the
Sensor, so there is no protrusion from the
surface of the connector of the Sensor.
(Unit: mm)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com