Electronic Components Datasheet Search
  English  ▼

X  

BW50RAM-3P002 Datasheet(PDF) 69 Page - Fuji Electric

Part # BW50RAM-3P002
Description  Molded Case Circuit Breakers
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

BW50RAM-3P002 Datasheet(HTML) 69 Page - Fuji Electric

Back Button BW50RAM-3P002 Datasheet HTML 65Page - Fuji Electric BW50RAM-3P002 Datasheet HTML 66Page - Fuji Electric BW50RAM-3P002 Datasheet HTML 67Page - Fuji Electric BW50RAM-3P002 Datasheet HTML 68Page - Fuji Electric BW50RAM-3P002 Datasheet HTML 69Page - Fuji Electric BW50RAM-3P002 Datasheet HTML 70Page - Fuji Electric BW50RAM-3P002 Datasheet HTML 71Page - Fuji Electric BW50RAM-3P002 Datasheet HTML 72Page - Fuji Electric BW50RAM-3P002 Datasheet HTML 73Page - Fuji Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 93 page
background image
06/69
06
Fuji Electric FA components & Systems Co., Ltd./D & C Catalog
Information subject to change without notice
Molded Case Circuit Breakers
G-TWIN series
Internal accessories
n
Operation of auxiliary switches(W) and alarm switches(K)
Accessory
Auxiliary switch
Alarm switch
SPDT: W
(1)
SPDT: K
(8)
2PDT: J
(9)
2PDT: V
(2)
Handle position
ON
OFF
Trip
11/AXcL
12/AXbL
14/AXaL
11/AXcL
12/AXbL
14/AXaL
21/AXcR
22/AXbR
24/AXaR
91/ALcL
94/ALaL
92/ALbL
91/ALcL
94/ALaL
92/ALbL
01/ALcR
04/ALaR
02/ALbR
91/ALcL
94/ALaL
92/ALbL
91/ALcL
94ALaL
92/ALbL
01/ALcL
04/ALaL
02/ALbL
11/AXcL
12/AXbL
14/AXaL
11/AXcL
12/AXbL
14/AXaL
21/AXcR
22/AXbR
24/AXaR
Note:
Ring mark indication
(
) Code of low level circuit
n
Ratings of auxiliary switches(W) and alarm switches(K)
Minimum load
current
5V DC 160mA
30V DC 30mA
5V DC 1mA
Rated operational
Voltage (V)
24
48
125
250
30
Rated operational
Voltage (V)
24
48
125
250
30
Ind. load
5
5
3
2
−
Res. load
5
5
5
3
0.1
Ind. load
3
1
0.4
0.2
−
Res. load
4
2.5
0.4
0.2
0.1
Rated operational current (A)
AC
DC
• 125-800AF
Rated thermal
current (A)
5
0.1
Standard
type
Low level
circuit
Standard
type
Low level
circuit
• 32-100AF
Voltage (V)
125 AC
250 AC
−
125 DC
250 DC
−
AC 15
5
5
−
−
−
−
DC 13
−
−
−
0.6
0.3
−
Voltage (V)
125 AC
250 AC
30 DC
125 DC
250 DC
30 DC
Res. load
5
3
4
0.4
0.2
0.1
IEC60947-5-1
NECA C4505
Make/break current (A)
Make/break current (A)
Minimum load
current
5V DC 160mA
30V DC 30mA
5V DC 1mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com