Electronic Components Datasheet Search
  English  ▼

X  

N-2000CB Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # N-2000CB
Description  Cell Type N-2000CB Specifications
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

N-2000CB Datasheet(HTML) 1 Page - Sanyo Semicon Device

  N-2000CB Datasheet HTML 1Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Discharge Time (Mins.)
0
10
20
30
40
50
60
70
80
0.6
0.8
1.0
1.2
1.4
at 20゚C/68゚F
Charge: 200mA× 16Hrs.
(1It)
(2It)
Discharge Time (Mins.)
0
2
4
6
8
10
12
14
16
18
0.6
0.8
1.0
1.2
1.4
at 20゚C/68゚F
Charge: 200mA× 16Hrs.
(4It)
(8It)
(10It)
Charge Time (Hrs.)
0
2
4
6
8
10
12
14
16
1.2
1.3
1.4
1.5
1.6
1.7
Charge : 200mA
0゚C/32゚F
20゚C/68゚F
45゚C/113゚F
60゚C/140゚F
Discharge Rate (It)
0
1
2
3
4
5
6
7
8
9
10
30
40
50
60
70
80
90
100
110
at 20゚C/68゚F
Discharge : End Volt 1.0V
Charge : 200mA× 16Hrs.
Discharge Time (Hrs.)
0
2
4
6
8
10
12
14
16
0.6
0.8
1.0
1.2
1.4
at 20゚C/68゚F
Charge: 200mA× 16Hrs.
(0.1It)
(0.2It)
(0.5It)
Specifications
CD070410
Discharge
Storage
Ambient
Temperature
Nominal Capacity
Nominal Voltage
Charging Current
Charging Time
Charge
Internal Impedance (Av.)
Dimensions(D)
×××××(H)
Weight
g/
(at 1000Hz)
×××××
×××××
mm
inch
2000mAh
1.2V
200mA
600mA
14 to 16Hrs.
4 to 6Hrs.
°C to
0
+70
+32
158
°C [
°F to
°F ]
°C to +70
-22
158
°C [
°F to
°F ]
°C to +70
+50
158
°C [
°F to
°F ]
°C to +70
-4
158
°C [
°F to
°F ]
10
-20
-30
3.3
85
3.00
26.0
1.02
50.0
1.97
0
-0.8
0
-1.3
0
-0.03
0
-0.05
m
Ω
oz
(at. 50% discharge)
(with tube)
Typical Characteristics
Standard
Fast
Standard
Fast
Standard
Fast
Dimensions
of
Bare Cell
H
D
d
mm
mm
mm
inch
inch
inch
49.0
0.3
1.929
0.012
25.2
0.992
10.0
0.394
0.3
0.012
Charge
Discharge(at high rate)
Discharge(at high rate)
Cell Capacity(at various discharge rate)
Discharge(at low rate)
Temperature(Charge & Discharge)
Cell Type N-2000CB
±
±
±
±
30
40
50
60
70
80
90
100
110
120
Operating Temperature
{
50
122
40
104
30
86
20
68
10
50
0
32
60°C
140°F
-10
14
-20
-4
D
d


Similar Part No. - N-2000CB

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
N-208 MACOM-N-208 Datasheet
45Kb / 1P
HARTMAN Aerospace Power Products
More results

Similar Description - N-2000CB

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
N-3U SANYO-N-3U Datasheet
25Kb / 1P
Cell Type N-3U
N-150NS SANYO-N-150NS Datasheet
203Kb / 1P
Cell Type N-150NS
N-50AAA SANYO-N-50AAA Datasheet
137Kb / 1P
Cell Type N-50AAA
CR17335SE SANYO-CR17335SE Datasheet
96Kb / 1P
CELL TYPE CR17335SE SPECIFICATIONS
KR-1100AAU SANYO-KR-1100AAU Datasheet
155Kb / 1P
Cell Type KR-1100AAU Specifications
N-1900SCR SANYO-N-1900SCR Datasheet
215Kb / 1P
Cell Type N-1900SCR
logo
Panasonic Battery Group
UF424261F PANASONICBATTERY-UF424261F Datasheet
240Kb / 1P
Cell Type UF424261F
UF613756F PANASONICBATTERY-UF613756F Datasheet
233Kb / 1P
Cell Type UF613756F
logo
Sanyo Semicon Device
N-1700SCR SANYO-N-1700SCR Datasheet
373Kb / 1P
Cell Type N-1700SCR
N-270AA SANYO-N-270AA Datasheet
110Kb / 1P
Cell Type N-270AA
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com