Electronic Components Datasheet Search
  English  ▼

X  

HWD20011 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # HWD20011
Description  High-Efficiency, Low-Supply-Current, Compact, Step-Up DC-DC Converters
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

HWD20011 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  HWD20011 Datasheet HTML 1Page - List of Unclassifed Manufacturers HWD20011 Datasheet HTML 2Page - List of Unclassifed Manufacturers HWD20011 Datasheet HTML 3Page - List of Unclassifed Manufacturers HWD20011 Datasheet HTML 4Page - List of Unclassifed Manufacturers HWD20011 Datasheet HTML 5Page - List of Unclassifed Manufacturers HWD20011 Datasheet HTML 6Page - List of Unclassifed Manufacturers HWD20011 Datasheet HTML 7Page - List of Unclassifed Manufacturers HWD20011 Datasheet HTML 8Page - List of Unclassifed Manufacturers HWD20011 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
High-Efficiency, Low-Supply-Current,
Compact, Step-Up DC-DC Converters
2
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VBATT = 2V, FB = OUT (VOUT = 3.3V), RL = ˙
∞, TA = 0°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.)
Supply Voltage (OUT to GND) ..............................-0.3V to +6.0V
Switch Voltage (LX to GND) .....................-0.3V to (VOUT + 0.3V)
Battery Voltage (BATT to GND).............................-0.3V to +6.0V
SHDN, LBO to GND ..............................................-0.3V to +6.0V
LBI, REF, FB, CLSEL to GND ...................-0.3V to (VOUT + 0.3V)
Switch Current (LX) ...............................................-1.5A to +1.5A
Output Current (OUT) ...........................................-1.5A to +1.5A
Continuous Power Dissipation (TA = +70°C)
8-Pin MSOP (derate 4.1mW/°C above +70°C) ....... .330mW
10-Pin MSOP (derate 5.6mW/°C above +70°C) ..... ..444mW
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +165°C
Lead Temperature (soldering, 10s) .................................+300°C
TA = +25°C, RL = 3k
Ω (Note 1)
VLX = 0, 5.5V; VOUT = 5.5V
TA = +25°C
HWD2001, HWD20012 (CLSEL = GND)
HWD20011, HWD20012 (CLSEL = OUT)
ILX = 100mA
FB = OUT
(VOUT = 3.3V)
VOUT = 2V to 5.5V
IREF = 0 to 100µA
90
130
HWD2001,
HWD20012 (CLSEL = GND)
FB = OUT
FB = GND
IREF =0
CONDITIONS
µA
0.05
1
ILEAK
LX Leakage Current
A
0.4
0.5
0.65
ILIM
0.80
1
1.20
LX Switch Current
Limit (NFET)
Ω
0.3
0.6
RDS(ON)
Internal NFET, PFET
On-Resistance
V
1.274
1.30
1.326
FB, LBI Input Threshold
mV/V
0.08
2.5
VREF_LINE
Reference Voltage Line
Regulation
mV
315
VREF_LOAD
Reference Voltage Load
Regulation
mV/°C
0.024
TEMPCO
Reference Voltage Tempco
V
1.274
1.30
1.326
VREF
Reference Voltage
V
0.9
1.1
Start-Up Voltage
V
1.1
5.5
VIN
V
0.7
Minimum Input Voltage
Operating Voltage
150
220
FB = GND
(VOUT = 5V)
HWD2001,
HWD20012 (CLSEL = GND)
180
285
IOUT
HWD20011,
HWD20012 (CLSEL = OUT)
mA
300
420
Steady-State Output Current
(Note 2)
mV/°C
-2
Start-Up Voltage Tempco
V
3.17
3.30
3.43
VOUT
Output Voltage
4.80
5
5.20
HWD20011,
HWD20012 (CLSEL = OUT)
V
2
5.5
Output Voltage Range
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com