Electronic Components Datasheet Search
  English  ▼

X  

MN655431SH Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # MN655431SH
Description  Low Power 8-Bit CMOS A/D Converter for Image Processing
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MN655431SH Datasheet(HTML) 3 Page - Panasonic Semiconductor

  MN655431SH Datasheet HTML 1Page - Panasonic Semiconductor MN655431SH Datasheet HTML 2Page - Panasonic Semiconductor MN655431SH Datasheet HTML 3Page - Panasonic Semiconductor MN655431SH Datasheet HTML 4Page - Panasonic Semiconductor MN655431SH Datasheet HTML 5Page - Panasonic Semiconductor MN655431SH Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
A/D, D/C Converters for Image Signal Processing
MN655431SH
Absolute Maximum Ratings
Ta=25˚C
Parameter
Symbol
Rating
Unit
Power supply voltage
VDD
– 0.3 to +7.0
V
Power supply voltage for digital outputs
DVDDL
– 0.3 to +VDD +0.3
V
Input voltage
VI
AVSS – 0.3 to VDD +0.3
V
Output voltage
VO
DVSS – 0.3 to VDD +0.3
V
Operating ambient temperature
Topr
–20 to +70
˚C
Storage temperature
Tstg
–55 to +125
˚C
Pin Descriptions
Pin No.
Symbol
Function Description
1DVDDL
Power supply for digital output circuits
2DVSS
Ground for digital circuits
3
D0
Digital output (LSB)
4
D1
Digital output
5
D2
Digital output
6
D3
Digital output
7
D4
Digital output
8
D5
Digital output
9
D6
Digital output
10
D7
Digital output (MSB)
11
DVDD
Power supply for digital circuits
12
CLK
Sampling clock
13
DVDD
Power supply for digital circuits
14
AVDD
Power supply for analog circuits
15
AVDD
Power supply for analog circuits
16
VRTS
Power supply for reference voltage (TOP)
17
VRT
Reference voltage (TOP)
18
AVDD
Power supply for analog circuits
19
VIN
Analog input
20
AVSS
Ground for analog circuits
21
AVSS
Ground for analog circuits
22
VRBS
Power supply for reference voltage (BOTTOM)
23
VRB
Reference voltage (BOTTOM)
24
DVSS
Ground for digital circuits



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com