Electronic Components Datasheet Search
  English  ▼

X  

ICS1722MT Datasheet(PDF) 9 Page - Galaxy Power, Inc.

Part # ICS1722MT
Description  QuickSaver-R Charge Controller for Nickel-Cadmium and Nickel-Metal Hydride Batteries
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GALAXY [Galaxy Power, Inc.]
Direct Link  http://www.galaxypwr.com
Logo GALAXY - Galaxy Power, Inc.

ICS1722MT Datasheet(HTML) 9 Page - Galaxy Power, Inc.

Back Button ICS1722MT Datasheet HTML 5Page - Galaxy Power, Inc. ICS1722MT Datasheet HTML 6Page - Galaxy Power, Inc. ICS1722MT Datasheet HTML 7Page - Galaxy Power, Inc. ICS1722MT Datasheet HTML 8Page - Galaxy Power, Inc. ICS1722MT Datasheet HTML 9Page - Galaxy Power, Inc. ICS1722MT Datasheet HTML 10Page - Galaxy Power, Inc. ICS1722MT Datasheet HTML 11Page - Galaxy Power, Inc. ICS1722MT Datasheet HTML 12Page - Galaxy Power, Inc. ICS1722MT Datasheet HTML 13Page - Galaxy Power, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
9
ICS1722
Pin Descriptions
The ICS1722 requires some external components to control the
clock rate and provide an indicator display. The controller must be
interfaced to an external power source that will provide the current
required to charge a battery pack and, if desired, a circuit that will
sink discharge current.
Output Logic Signals: CHG, DCHG Pins
The CHG and DCHG pins are active high, TTL compatible
outputs. In addition to being TTL compatible, the CMOS outputs
are capable of sourcing current which adds flexibility when
interfacing to other circuitry. A logic high on the CHG pin
indicates that the charging current supply should be activated. If
applicable, a logic high on the DCHG pin indicates that the
discharge circuit should be activated.
Care must be taken to control wiring resistance and inductance.
The load resistor must be capable of handling this short duration
high-amplitude pulse. If the auxiliary discharge-to-charge mode is
selected, the power dissipation of the load resistor must be properly
selected to accept the extended length of the discharge pulse.
Indicators: CMN, MMN, PFN Pins
The controller has three outputs for driving external indicators.
These pins are active low. The three indicator outputs have open
drains and are designed to be used with LEDs. Each output can
sink over 20mA which requires the use of an external current
limiting resistor. The three indicator signals denote fast charge
stage, topping and maintenance stages, and the polling detect mode
as shown in Table 2.
The charge mode (CMN) indicator is activated continuously during
the soft start and fast charge stages. When the controller enters the
topping charge stage, the output goes high and the indicator turns
off.
The maintenance mode (MMN) indicator is on when the
ICS1722 is either in the topping charge, maintenance charge, direct
maintenance mode, or the condition mode. The maintenance mode
indicator flashes at a one second rate when the ICS1702 is
controlling the discharge portion of the discharge-to-charge or the
discharge-only mode.
The polling detect (PFN) indicator is on when the ICS1722 polls
for a battery. The controller applies periodic charge pulses to detect
the presence of a battery. The indicator is a warning that these
charge pulses are appearing at the charging system terminals at
regular intervals. When a battery is detected, the indicator is turned
off.
Charge Rate Selection: SEL0, SEL1 Pins
The SEL0 and SEL1 inputs must be programmed by the user to
inform the ICS1722 of the desired charge rate. When left
unconnected (open), these tri-level pins will float to about 2.3V.
When a low level is required, the pin must be grounded. When a
high level is required, the pin must be tied to VDD. The voltage
ranges for low (L), open (Z) and high (H) are listed in Table 6, DC
Characteristics. To program the SEL0 and SEL1 inputs, refer to
the Charge Rate List in Table 3.
The ICS1722 does not control the current flowing into the battery
in any way other than turning it on and off. The required current
for the selected charge rate must be provided by the user’s power
source. The external charging circuitry should provide current at
the selected charge rate. For example, to charge a 1.2 ampere hour
battery in 30 minutes (2C), approximately 2.4 amperes of current is
required.
Table 2: Indicator Description List
PFN
MMN
CMN
Description
On
Polling mode or battery fault
On
Maintenance or topping charge, direct maintenance or condition mode
On
Fast charge
Flash
Discharge portion of the discharge-to-charge or discharge-only mode
Flash
See Applications Information
Flash
Flash
See Applications Information
On
Fast Charge (See Applications Information)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com