Electronic Components Datasheet Search
  English  ▼

X  

ICS1722S Datasheet(PDF) 12 Page - Galaxy Power, Inc.

Part # ICS1722S
Description  QuickSaver-R Charge Controller for Nickel-Cadmium and Nickel-Metal Hydride Batteries
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GALAXY [Galaxy Power, Inc.]
Direct Link  http://www.galaxypwr.com
Logo GALAXY - Galaxy Power, Inc.

ICS1722S Datasheet(HTML) 12 Page - Galaxy Power, Inc.

Back Button ICS1722S Datasheet HTML 8Page - Galaxy Power, Inc. ICS1722S Datasheet HTML 9Page - Galaxy Power, Inc. ICS1722S Datasheet HTML 10Page - Galaxy Power, Inc. ICS1722S Datasheet HTML 11Page - Galaxy Power, Inc. ICS1722S Datasheet HTML 12Page - Galaxy Power, Inc. ICS1722S Datasheet HTML 13Page - Galaxy Power, Inc. ICS1722S Datasheet HTML 14Page - Galaxy Power, Inc. ICS1722S Datasheet HTML 15Page - Galaxy Power, Inc. ICS1722S Datasheet HTML 16Page - Galaxy Power, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
12
ICS1722
Figure 8: Open Circuit Reference Example
Power: VDD Pin
The power supply for the device must be connected to the VDD
pin. The voltage should be +5 VDC and should be supplied to the
part through a regulator that has good noise rejection and an
adequate current rating. The controller requires up to a maximum
of 11mA with VDD=5.00V.
Grounding: VSS Pin
This pin must have a direct connection to a solid ground plane.
Table 5: Absolute Maximum Ratings
Data Tables
+ 5 V
R4 = 1.3k
R3 = 2.2k
R1 = 10k
R2 = 2k
6 cells
+
-
VIN =
OPREF = 1.86V
current source
(open circuit voltage = 12V)
{
1.60V (battery present)
2.00V (no battery)
(9.6 V)
Resistor divider at the OPREF pin
Resistor divider at the VIN pin
Supply Voltage
6.5
V
Logic Input Levels
-0.5 to V
DD + 0.5
V
Ambient Operating Temperature
0 to 70
°C
Storage Temperature
-55 to 150
°C
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only.
Functional operation of the device at the Absolute Maximum Ratings or other conditions not consistent with the characteristics shown in this
document is not recommended. Exposure to absolute maximum rating conditions for extended periods may affect product reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com