Electronic Components Datasheet Search
  English  ▼

X  

ICS1722N Datasheet(PDF) 4 Page - Galaxy Power, Inc.

Part # ICS1722N
Description  QuickSaver-R Charge Controller for Nickel-Cadmium and Nickel-Metal Hydride Batteries
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GALAXY [Galaxy Power, Inc.]
Direct Link  http://www.galaxypwr.com
Logo GALAXY - Galaxy Power, Inc.

ICS1722N Datasheet(HTML) 4 Page - Galaxy Power, Inc.

  ICS1722N Datasheet HTML 1Page - Galaxy Power, Inc. ICS1722N Datasheet HTML 2Page - Galaxy Power, Inc. ICS1722N Datasheet HTML 3Page - Galaxy Power, Inc. ICS1722N Datasheet HTML 4Page - Galaxy Power, Inc. ICS1722N Datasheet HTML 5Page - Galaxy Power, Inc. ICS1722N Datasheet HTML 6Page - Galaxy Power, Inc. ICS1722N Datasheet HTML 7Page - Galaxy Power, Inc. ICS1722N Datasheet HTML 8Page - Galaxy Power, Inc. ICS1722N Datasheet HTML 9Page - Galaxy Power, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
4
ICS1722
Figure 3: Cycle-to-cycle increase of the soft-start current pulse widths
The amplitude of the current pulse is determined by system
parameters such as the current capability of the charging system,
the desired charge rate, the cell capacity and the ability of that cell
to accept the charge current. The ICS1722 can be set for nine user-
selectable fast charge rates from 15 minutes (4C) to four hours
(C/4). Charge pulses occur approximately every second. The CMN
indicator is activated continuously during this stage.
Fast Charge
In the second stage, the ICS1722 applies the charging current in a
series of charge and discharge pulses. The technique consists of a
positive current charging pulse followed by a high current, short
duration discharge pulse. The cycle, shown with charge, discharge,
rest and data acquisition periods in Figure 4, repeats every second
until the batteries are fully charged.
Figure 4: Charge cycle showing charge and discharge current pulses
fast charge pulse width
acquisition time
rest
time
rest
time
discharge pulse width
voltage
cycle time
Initial Pulse
Width
cycle time
cycle time
cycle time
Initial Pulse
Width
Initial Pulse
Width
increment
time
2 x increment
time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com