Electronic Components Datasheet Search
  English  ▼

X  

MN6557AS Datasheet(PDF) 6 Page - Panasonic Semiconductor

Part # MN6557AS
Description  Low-Power-Consumption CMOS 10-Bit D/A Converters for Image Processing
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MN6557AS Datasheet(HTML) 6 Page - Panasonic Semiconductor

  MN6557AS Datasheet HTML 1Page - Panasonic Semiconductor MN6557AS Datasheet HTML 2Page - Panasonic Semiconductor MN6557AS Datasheet HTML 3Page - Panasonic Semiconductor MN6557AS Datasheet HTML 4Page - Panasonic Semiconductor MN6557AS Datasheet HTML 5Page - Panasonic Semiconductor MN6557AS Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6
MN6557A, MN6557AS
A/D, D/C Converters for Image Signal Processing
Package Dimensions (Unit: mm)
MN6557A
DIP022-P-0400
MN6557AS
SOP022-P-0375
22
27.7±0.4
10.16±0.20
0.5±0.1
1.2±0.1
1
12
11
SEATING PLANE
0 to 15°
0.25
+0.20
-0.05
2.54
111
22
15.30±0.20
1.10±0.20
(1.29)
0.40±0.10
0.30min.
12
SEATING PLANE
1.27
0 to 10°



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com