Electronic Components Datasheet Search
  English  ▼

X  

5SY4-306-7 Datasheet(PDF) 64 Page - Siemens Semiconductor Group

Part # 5SY4-306-7
Description  Miniature Circuit-Breakers (MCBs)
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

5SY4-306-7 Datasheet(HTML) 64 Page - Siemens Semiconductor Group

Back Button 5SY4-306-7 Datasheet HTML 56Page - Siemens Semiconductor Group 5SY4-306-7 Datasheet HTML 57Page - Siemens Semiconductor Group 5SY4-306-7 Datasheet HTML 58Page - Siemens Semiconductor Group 5SY4-306-7 Datasheet HTML 59Page - Siemens Semiconductor Group 5SY4-306-7 Datasheet HTML 60Page - Siemens Semiconductor Group 5SY4-306-7 Datasheet HTML 61Page - Siemens Semiconductor Group 5SY4-306-7 Datasheet HTML 62Page - Siemens Semiconductor Group 5SY4-306-7 Datasheet HTML 63Page - Siemens Semiconductor Group 5SY4-306-7 Datasheet HTML 64Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 64 / 64 page
background image
Dimensions
2/64
Siemens I 2.1 · 2001
Planning Aid
Miniature Circuit-Breakers (MCBs)
s 5SX9 auxiliary switch, 5SX9 fault signal contact
s 5SP3 7 main miniature circuit-breaker
Additional component for 5SX2, 5SX4, 5SX5; can be retrofitted
device mounting depth 91 mm
5SX9 1.., 5SX9 2..
s 5SY4, 5SY7 miniature circuit-breakers
s 5ST3 auxiliary switch
5ST3 fault signal contact
can be retrofitted to 5SP4, 5SY4, 5SY7
s 5SP4 miniature circuit-breaker
s 5ST3 shunt trip
5ST3 undervoltage release
can be retrofitted
to 5SP4, 5SY4, 5SY7
s 5SM2 RCCB module
Additional component for 5SY..
s 5SM2 RCCB module
Additional component for 5SP4
s
55
9
70
35
91
36
18
54
44
70
6
72
11
3
1
3
5
1
3
5
7
22
4
2
4
6
2
4
6
8
70
44
6
9
54
27
81
108
44
70
6
8
7
6
5
4
3
2
1
6
5
4
3
2
1
4
3
2
1
2
1
6
70
18
44
44
T
54
124
6,3
64
2 46 8
44
T
36
71
6,3
64
T
63
44
64
7
Y2
Y1
4/3
2/1
90
44
64
7
4/3
2/1
T
Y2
Y1
8/7
6/5
i21_06.fm Seite 64 Mittwoch, 20. Juni 2001 10:17 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com